Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH3310 Fiches technique(PDF) 1 Page - OSRAM GmbH

No de pièce SFH3310
Description  Silicon NPN Phototransistor with V貫 Characteristics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3310 Fiches technique(HTML) 1 Page - OSRAM GmbH

  SFH3310 Datasheet HTML 1Page - OSRAM GmbH SFH3310 Datasheet HTML 2Page - OSRAM GmbH SFH3310 Datasheet HTML 3Page - OSRAM GmbH SFH3310 Datasheet HTML 4Page - OSRAM GmbH SFH3310 Datasheet HTML 5Page - OSRAM GmbH SFH3310 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SFH 3310
NPN-Si-Fototransistor mit Vλ Charakteristik
Silicon NPN Phototransistor with Vλ Characteristics
Lead (Pb) Free Product - RoHS Compliant
2007-05-29
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 350 nm bis 970 nm
• Angepasst an die Augenempfindlichkeit (
Vλ)
Anwendungen
• Umgebungslicht-Detektor
• Beleuchtungsmesser
• Dimmungssensor für Hintergrundbeleuchtung
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
Fotostrom ,
E
e= 10µW/cm
2,
λ = 560nm, V
CE = 5 V
Photocurrent
Ipce (
µA)
SFH 3310
Q65110A5343
2.5...8.0
Features
• Especially suitable for applications from
350 nm to 970 nm
• Adapted to human eye sensitivity (
Vλ)
Applications
• Ambient light detector
• Exposure meter for daylight and artificial light
• Sensor for Backlight-Dimming
• For control and drive circuits


Numéro de pièce similaire - SFH3310

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SFH331 SIEMENS-SFH331 Datasheet
54Kb / 7P
SMT Multi TOPLED
logo
OSRAM GmbH
SFH331 OSRAM-SFH331 Datasheet
131Kb / 8P
SMT Multi TOPLED
SFH331-JK OSRAM-SFH331-JK Datasheet
131Kb / 8P
SMT Multi TOPLED
SFH331 OSRAM-SFH331_01 Datasheet
131Kb / 8P
SMT Multi TOPLED
More results

Description similaire - SFH3310

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
SFH3710 OSRAM-SFH3710 Datasheet
224Kb / 6P
NPN-Si-Fototransistor mit V貫 Charakteristik Silicon NPN Phototransistor with V貫 Characteristics Lead (Pb) Free Product - RoHS Compliant
SFH3711 OSRAM-SFH3711 Datasheet
268Kb / 9P
Silicon NPN Phototransistor with V貫 Characteristics
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH3716 OSRAM-SFH3716 Datasheet
374Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH-3310 OSRAM-SFH-3310 Datasheet
394Kb / 9P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410 OSRAM-SFH-3410 Datasheet
603Kb / 13P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410R OSRAM-SFH-3410R Datasheet
598Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3710 OSRAM-SFH-3710 Datasheet
382Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3711 OSRAM-SFH-3711 Datasheet
450Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics
SFH-3716 OSRAM-SFH-3716 Datasheet
374Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com