Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F429NET6XXX Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STM32F429NET6XXX
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NET6XXX Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STM32F429NET6XXX Datasheet HTML 8Page - STMicroelectronics STM32F429NET6XXX Datasheet HTML 9Page - STMicroelectronics STM32F429NET6XXX Datasheet HTML 10Page - STMicroelectronics STM32F429NET6XXX Datasheet HTML 11Page - STMicroelectronics STM32F429NET6XXX Datasheet HTML 12Page - STMicroelectronics STM32F429NET6XXX Datasheet HTML 13Page - STMicroelectronics STM32F429NET6XXX Datasheet HTML 14Page - STMicroelectronics STM32F429NET6XXX Datasheet HTML 15Page - STMicroelectronics STM32F429NET6XXX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 231 page
background image
Introduction
STM32F427xx STM32F429xx
12/231
DocID024030 Rev 6
1
Introduction
This datasheet provides the description of the STM32F427xx and STM32F429xx line of
microcontrollers. For more details on the whole STMicroelectronics STM32 family, please
refer to Section 2.1: Full compatibility throughout the family.
The STM32F427xx and STM32F429xx datasheet should be read in conjunction with the
STM32F4xx reference manual.
For information on the Cortex®-M4 core, please refer to the Cortex®-M4 programming
manual (PM0214), available from www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More