| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F429NET6XXX Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NET6XXX Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 231 page ![]() DocID024030 Rev 6 59/231 STM32F427xx STM32F429xx Pinouts and pin description 83 49 71 N9 M10 81 N2 92 L11 VCAP_1 S -- - - - H2 93 K9 VSS S 50 72 F8 N10 82 J6 94 L10 VDD S - - - - - - 95 M14 PJ5 I/O LCD_R6, EVENTOUT - - N10 M11 83 - 96 P13 PH6 I/O FT I2C2_SMBA, SPI5_SCK, TIM12_CH1, ETH_MII_RXD2, FMC_SDNE1, DCMI_D8, EVENTOUT - - M10 N12 84 - 97 N13 PH7 I/O FT I2C3_SCL, SPI5_MISO, ETH_MII_RXD3, FMC_SDCKE1, DCMI_D9, EVENTOUT - - L10 M12 85 - 98 P14 PH8 I/O FT I2C3_SDA, FMC_D16, DCMI_HSYNC, LCD_R2, EVENTOUT - - K10 M13 86 - 99 N14 PH9 I/O FT I2C3_SMBA, TIM12_CH2, FMC_D17, DCMI_D0, LCD_R3, EVENTOUT - - N11 L13 87 - 100 P15 PH10 I/O FT TIM5_CH1, FMC_D18, DCMI_D1, LCD_R4, EVENTOUT - - M11 L12 88 - 101 N15 PH11 I/O FT TIM5_CH2, FMC_D19, DCMI_D2, LCD_R5, EVENTOUT - - L11 K12 89 - 102 M15 PH12 I/O FT TIM5_CH3, FMC_D20, DCMI_D3, LCD_R6, EVENTOUT -- E7 H12 90 - - K10 VSS S - - H8 J12 91 - 103 K11 VDD S Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |