Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F207VCH7 Fiches technique(PDF) 181 Page - STMicroelectronics

No de pièce STM32F207VCH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCH7 Fiches technique(HTML) 181 Page - STMicroelectronics

Back Button STM32F207VCH7 Datasheet HTML 176Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 177Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 178Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 179Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 180Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 181Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 182Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 183Page - STMicroelectronics STM32F207VCH7 Datasheet HTML 184Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 181 / 184 page
background image
DocID15818 Rev 15
181/184
STM32F20xxx
Revision history
183
29-Oct-2012
10
(continued)
Replaced td(CLKL-NOEL) by td(CLKH-NOEL) in Table 76: Synchronous
multiplexed NOR/PSRAM read timings, Table 78: Synchronous non-
multiplexed NOR/PSRAM read timings, Figure 61: Synchronous
multiplexed NOR/PSRAM read timings and Figure 63: Synchronous
non-multiplexed NOR/PSRAM read timings.
Added Figure 87: LQFP176 recommended footprint.
Added Note 2 below Figure 86: Regulator OFF/internal reset ON.
Updated device subfamily in Table 96: Ordering information scheme.
Remove reference to note 2 for USB IOTG FS in Table 101: Main
applications versus package for STM32F2xxx microcontrollers.
Table 97. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More