| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F207ZET6 Fiches technique(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F207ZET6 Fiches technique(HTML) 51 Page - STMicroelectronics |
|
51 / 184 page ![]() DocID15818 Rev 15 51/184 STM32F20xxx Pinouts and pin description 183 - - 38 58 68 R8 PE7 I/O FT - FSMC_D4,TIM1_ETR, EVENTOUT - - - 39 59 69 P8 PE8 I/O FT - FSMC_D5,TIM1_CH1N, EVENTOUT - - - 40 60 70 P9 PE9 I/O FT - FSMC_D6,TIM1_CH1, EVENTOUT - -- - 61 71 M9 VSS S- - - -- - 62 72 N9 VDD S- - - - - 41 63 73 R9 PE10 I/O FT - FSMC_D7,TIM1_CH2N, EVENTOUT - - - 42 64 74 P10 PE11 I/O FT - FSMC_D8,TIM1_CH2, EVENTOUT - - - 43 65 75 R10 PE12 I/O FT - FSMC_D9,TIM1_CH3N, EVENTOUT - - - 44 66 76 N11 PE13 I/O FT - FSMC_D10,TIM1_CH3, EVENTOUT - - - 45 67 77 P11 PE14 I/O FT - FSMC_D11,TIM1_CH4, EVENTOUT - - - 46 68 78 R11 PE15 I/O FT - FSMC_D12,TIM1_BKIN, EVENTOUT - 29 H3 47 69 79 R12 PB10 I/O FT - SPI2_SCK, I2S2_SCK, I2C2_SCL,USART3_TX,OT G_HS_ULPI_D3,ETH_MII_R X_ER,TIM2_CH3, EVENTOUT - 30 J2 48 70 80 R13 PB11 I/O FT - I2C2_SDA, USART3_RX, OTG_HS_ULPI_D4, ETH_RMII_TX_EN, ETH_MII_TX_EN, TIM2_CH4, EVENTOUT - 31 J3 49 71 81 M10 VCAP_1 S- - - 32 - 50 72 82 N10 VDD S- - - -- - - 83 M11 PH6 I/O FT - I2C2_SMBA, TIM12_CH1, ETH_MII_RXD2, EVENTOUT - Table 8. STM32F20x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |