| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F207ZET6 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F207ZET6 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 184 page ![]() DocID15818 Rev 15 49/184 STM32F20xxx Pinouts and pin description 183 13 - 22 33 39 R1 VDDA S- - - - 14 E7 23 34 40 N3 PA0-WKUP (PA0) I/O FT (4)(5) USART2_CTS, UART4_TX, ETH_MII_CRS, TIM2_CH1_ETR, TIM5_CH1, TIM8_ETR, EVENTOUT ADC123_IN0, WKUP 15 H8 24 35 41 N2 PA1 I/O FT (4) USART2_RTS, UART4_RX, ETH_RMII_REF_CLK, ETH_MII_RX_CLK, TIM5_CH2, TIM2_CH2, EVENTOUT ADC123_IN1 16 J9 25 36 42 P2 PA2 I/O FT (4) USART2_TX,TIM5_CH3, TIM9_CH1, TIM2_CH3, ETH_MDIO, EVENTOUT ADC123_IN2 - - - - 43 F4 PH2 I/O FT - ETH_MII_CRS, EVENTOUT - - - - - 44 G4 PH3 I/O FT - ETH_MII_COL, EVENTOUT - -- - - 45 H4 PH4 I/O FT - I2C2_SCL, OTG_HS_ULPI_NXT, EVENTOUT - - - - - 46 J4 PH5 I/O FT - I2C2_SDA, EVENTOUT - 17 G7 26 37 47 R2 PA3 I/O FT (4) USART2_RX, TIM5_CH4, TIM9_CH2, TIM2_CH4, OTG_HS_ULPI_D0, ETH_MII_COL, EVENTOUT ADC123_IN3 18 F1 27 38 48 - VSS S- - - - H7 L4 REGOFF I/O - - - - 19 E1 28 39 49 K4 VDD S- - - - 20 J8 29 40 50 N4 PA4 I/O TTa (4) SPI1_NSS, SPI3_NSS, USART2_CK, DCMI_HSYNC, OTG_HS_SOF, I2S3_WS, EVENTOUT ADC12_IN4, DAC_OUT1 21 H6 30 41 51 P4 PA5 I/O TTa (4) SPI1_SCK, OTG_HS_ULPI_CK, TIM2_CH1_ETR, TIM8_CH1N, EVENTOUT ADC12_IN5, DAC_OUT2 Table 8. STM32F20x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |