| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F207VCT6 Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F207VCT6 Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 184 page ![]() Pinouts and pin description STM32F20xxx 54/184 DocID15818 Rev 15 38 F2 64 97 116 G15 PC7 I/O FT - I2S3_MCK, TIM8_CH2, SDIO_D7, USART6_RX, DCMI_D1, TIM3_CH2, EVENTOUT - 39 F3 65 98 117 G14 PC8 I/O FT - TIM8_CH3,SDIO_D0, TIM3_CH3, USART6_CK, DCMI_D2, EVENTOUT - 40 D1 66 99 118 F14 PC9 I/O FT - I2S2_CKIN, I2S3_CKIN, MCO2, TIM8_CH4, SDIO_D1, I2C3_SDA, DCMI_D3, TIM3_CH4, EVENTOUT - 41 E2 67 100 119 F15 PA8 I/O FT - MCO1, USART1_CK, TIM1_CH1, I2C3_SCL, OTG_FS_SOF, EVENTOUT - 42 E3 68 101 120 E15 PA9 I/O FT - USART1_TX, TIM1_CH2, I2C3_SMBA, DCMI_D0, EVENTOUT OTG_FS_ VBUS 43 D3 69 102 121 D15 PA10 I/O FT - USART1_RX, TIM1_CH3, OTG_FS_ID,DCMI_D1, EVENTOUT - 44 D2 70 103 122 C15 PA11 I/O FT - USART1_CTS, CAN1_RX, TIM1_CH4,OTG_FS_DM, EVENTOUT - 45 C1 71 104 123 B15 PA12 I/O FT - USART1_RTS, CAN1_TX, TIM1_ETR, OTG_FS_DP, EVENTOUT - 46 B2 72 105 124 A15 PA13 (JTMS-SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - 47 C2 73 106 125 F13 VCAP_2 S- - - - - B1 74 107 126 F12 VSS S- - - - 48 A8 75 108 127 G13 VDD S- - - - - - - - 128 E12 PH13 I/O FT - TIM8_CH1N, CAN1_TX, EVENTOUT - - - - - 129 E13 PH14 I/O FT - TIM8_CH2N, DCMI_D4, EVENTOUT - Table 8. STM32F20x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |