Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F205RBH7V Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STM32F205RBH7V
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RBH7V Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STM32F205RBH7V Datasheet HTML 61Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 62Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 63Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 64Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 65Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 66Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 67Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 68Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 184 page
background image
Port F
PF0
-
-
-
-
I2C2_SDA
-
-
-
-
-
-
-
FSMC_A0
-
-
EVENTOUT
PF1
-
-
-
-
I2C2_SCL
-
-
-
-
-
-
FSMC_A1
-
-
EVENTOUT
PF2
-
-
-
-
I2C2_SMBA
-
-
-
-
-
-
-
FSMC_A2
-
-
EVENTOUT
PF3
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A3
-
-
EVENTOUT
PF4
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A4
-
-
EVENTOUT
PF5
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A5
-
-
EVENTOUT
PF6
-
-
-
TIM10_CH1
-
-
-
-
-
-
-
-
FSMC_NIORD
-
-
EVENTOUT
PF7
-
-
-
TIM11_CH1
-
-
-
-
-
-
-
-
FSMC_NREG
-
-
EVENTOUT
PF8
-
-
-
-
-
-
-
-
-
TIM13_CH1
-
-
FSMC_NIOWR
-
-
EVENTOUT
PF9
-
-
-
-
-
-
-
-
-
TIM14_CH1
-
-
FSMC_CD
-
-
EVENTOUT
PF10
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_INTR
-
-
EVENTOUT
PF11
-
-
-
-
-
-
-
-
-
-
-
-
DCMI_D12
-
EVENTOUT
PF12
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A6
-
-
EVENTOUT
PF13
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A7
-
-
EVENTOUT
PF14
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A8
-
-
EVENTOUT
PF15
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A9
-
-
EVENTOUT
Port G
PG0
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A10
-
-
EVENTOUT
PG1
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A11
-
-
EVENTOUT
PG2
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A12
-
-
EVENTOUT
PG3
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A13
-
-
EVENTOUT
PG4
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A14
-
-
EVENTOUT
PG5
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_A15
-
-
EVENTOUT
PG6
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_INT2
-
-
EVENTOUT
PG7
-
-
-
-
-
-
-
-
USART6_CK
-
-
-
FSMC_INT3
-
-
EVENTOUT
PG8
-
-
-
-
-
-
-
-
USART6_RTS
-
-
ETH _PPS_OUT
-
-
-
EVENTOUT
PG9
-
-
-
-
-
-
-
-
USART6_RX
-
-
-
FSMC_NE2/
FSMC_NCE3
-
-
EVENTOUT
PG10
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_NCE4_1/
FSMC_NE3
-
-
EVENTOUT
PG11
-
-
-
-
-
-
-
-
-
-
-
ETH _MII_TX_EN
ETH
_RMII_TX_EN
FSMC_NCE4_2
-
-
EVENTOUT
PG12
-
-
-
-
-
-
-
-
USART6_RTS
-
-
-
FSMC_NE4
-
-
EVENTOUT
PG13
-
-
-
-
-
-
-
-
UART6_CTS
-
-
ETH _MII_TXD0
ETH _RMII_TXD0
FSMC_A24
-
-
EVENTOUT
PG14
-
-
-
-
-
-
-
-
USART6_TX
-
-
ETH _MII_TXD1
ETH _RMII_TXD1
FSMC_A25
-
-
EVENTOUT
PG15
-
-
-
-
-
-
-
-
USART6_CTS
-
-
-
-
DCMI_D13
-
EVENTOUT
Table 10. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3 SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More