Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F205RBH7V Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce STM32F205RBH7V
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RBH7V Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button STM32F205RBH7V Datasheet HTML 56Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 57Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 58Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 59Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 60Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 61Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 62Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 63Page - STMicroelectronics STM32F205RBH7V Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 184 page
background image
Pinouts and pin description
STM32F20xxx
60/184
DocID15818 Rev 15
PD13
-
A18
A18
-
Yes
PD14
D0
D0
DA0
D0
Yes
PD15
D1
D1
DA1
D1
Yes
PG2
-
A12
-
-
-
PG3
-
A13
-
-
-
PG4
-
A14
-
-
-
PG5
-
A15
-
-
-
PG6
-
-
-
INT2
-
PG7
-
-
-
INT3
-
PD0
D2
D2
DA2
D2
Yes
PD1
D3
D3
DA3
D3
Yes
PD3
-
CLK
CLK
-
Yes
PD4
NOE
NOE
NOE
NOE
Yes
PD5
NWE
NWE
NWE
NWE
Yes
PD6
NWAIT
NWAIT
NWAIT
NWAIT
Yes
PD7
-
NE1
NE1
NCE2
Yes
PG9
-
NE2
NE2
NCE3
-
PG10
NCE4_1
NE3
NE3
-
-
PG11
NCE4_2
-
-
-
-
PG12
-
NE4
NE4
-
-
PG13
-
A24
A24
-
-
PG14
-
A25
A25
-
-
PB7
-
NADV
NADV
-
Yes
PE0
-
NBL0
NBL0
-
Yes
PE1
-
NBL1
NBL1
-
Yes
Table 9. FSMC pin definition (continued)
Pins
FSMC
LQFP100
CF
NOR/PSRAM/SRAM
NOR/PSRAM Mux
NAND 16 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com