| Moteur de recherche de fiches techniques de composants électroniques |
|
SMB15F12A Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMB15F12A Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() 1 Characteristics Table 1. Absolute maximum ratings (Tamb = 25 °C) Symbol Parameter Value Unit VPP Peak pulse voltage IEC 61000-4-2 (C = 150 pF, R = 330 Ω) Contact discharge Air discharge 30 30 kV PPP Peak pulse power dissipation 10/1000 µs, Tj initial = Tamb 1500 W Tstg Storage temperature range -65 to +175 °C Tj Operating junction temperature range -55 to +175 °C TL Maximum lead temperature for soldering during 10 s 260 °C Figure 1. Electrical characteristics - parameter definitions Figure 2. Pulse definition for electrical characteristics SMB15FxxA Characteristics DS13415 - Rev 1 page 2/13 |