Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMB15F12A Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce SMB15F12A
Description  1500 W TVS in SMB Flat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMB15F12A Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button SMB15F12A Datasheet HTML 5Page - STMicroelectronics SMB15F12A Datasheet HTML 6Page - STMicroelectronics SMB15F12A Datasheet HTML 7Page - STMicroelectronics SMB15F12A Datasheet HTML 8Page - STMicroelectronics SMB15F12A Datasheet HTML 9Page - STMicroelectronics SMB15F12A Datasheet HTML 10Page - STMicroelectronics SMB15F12A Datasheet HTML 11Page - STMicroelectronics SMB15F12A Datasheet HTML 12Page - STMicroelectronics SMB15F12A Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2.2
Reflow profile
Figure 20. ST ECOPACK recommended soldering reflow profile for PCB mounting
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-6 °C/s
240-245 °C
2 - 3 °C/s
Temperature (°C)
-2 °C/s
-3 °C/s
Time (s)
0.9 °C/s
60 sec
(90 max)
Note:
Minimize air convection currents in the reflow oven to avoid component movement. Maximum soldering profile
corresponds to the latest IPC/JEDEC J-STD-020.
SMB15FxxA
Reflow profile
DS13415 - Rev 1
page 9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13