Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR910FAM34X6T Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce STR910FAM34X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM34X6T Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button STR910FAM34X6T Datasheet HTML 91Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 92Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 93Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 94Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 95Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 96Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 97Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 98Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 99Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 96 / 99 page
background image
Ordering information
STR91xFAx32 STR91xFAx42 STR91xFAx44
96/99
10
Ordering information
Table 50.
Ordering information
Part Number
Flash KB
RAM KB
Major Peripherals
Package
STR910FAM32X6
256+32
64
CAN, 40 I/Os
LQFP80,
12x12 mm
STR910FAW32X6
256+32
64
CAN, EMI, 80 I/Os
LQFP128,
14x14 mm
STR910FAZ32H6
256+32
64
CAN, EMI, 80 I/Os
LFBGA144
10 x 10 x 1.7
STR911FAM42X6
256+32
96
USB, CAN, 40 I/Os
LQFP80,
12x12mm
STR911FAM44X6
512+32
96
STR911FAW42X6
256+32
96
USB, CAN, EMI, 80 I/Os
LQFP128,
14x14mm
STR911FAW44X6
512+32
96
STR912FAW32X6
256+32
64
Ethernet, USB, CAN, EMI, 80
I/Os
LQFP128
STR912FAW42X6
256+32
96
Ethernet, USB, CAN, EMI, 80
I/Os
LQFP128
STR912FAW44X6
512+32
96
STR912FAZ42H6
256+32
96
Ethernet, USB, CAN, EMI, 80
I/Os
LFBGA144
10 x 10 x 1.7
STR912FAZ44H6
512+32
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99