Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR910FAM34X6T Fiches technique(PDF) 75 Page - STMicroelectronics

No de pièce STR910FAM34X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM34X6T Fiches technique(HTML) 75 Page - STMicroelectronics

Back Button STR910FAM34X6T Datasheet HTML 71Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 72Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 73Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 74Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 75Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 76Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 77Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 78Page - STMicroelectronics STR910FAM34X6T Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
75/99
Mux write
Figure 19.
Mux write diagram
EMI_CSxn
EMI_A[23:16]
Address
Data
EMI_AD[15:0]
EMI_WRLn
EMI_WRHn
t
WAS
t
WP
t
WCR
t
WDS
EMI_ALE
Address
t
AAH
t
AAS
t
AW
Table 34.
Mux write times
Symbol
Parameter
Value
Min
Max
tWCR
WRn to CSn
inactive
(tBCLK/2) - 2ns
(tBCLK/2) + 2ns
tWAS
Write Address
Setup Time
(WSTWEN + 1/2) x
tBCLK - 2.5 ns
(WSTWEN + 1/2) x
tBCLK + 2 ns
tWDS
Write Data
Setup Time
((WSTWEN - ALE_LENGTH) x tBCLK) - 2
ns
((WSTWEN - ALE_LENGTH) x tBCLK) + 1 ns
tWP
Write Pulse
Width
((WSTWR-WSTWEN + 1) x tBCLK) - 1 ns ((WSTWR-WSTWEN + 1) x tBCLK) + 1.5 ns
tAW
ALE pulse width
(ALE_LENGTH x tBCLK )- 3.5 ns
(ALE_LENGTH x tBCLK )
tAAS
Address to ALE
setup time
(ALE_LENGTH x tBCLK )- 3.5 ns
(ALE_LENGTH x tBCLK )
tAAH
Address to ALE
hold time
(tBCLK/2) - 1 ns
(tBCLK/2) + 2 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99