Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RGT7TR Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STM32F412RGT7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGT7TR Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STM32F412RGT7TR Datasheet HTML 10Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 11Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 12Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 13Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 14Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 15Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 16Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 17Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 201 page
background image
Description
STM32F412xE/G
14/201
DocID028087 Rev 7
These features make the STM32F412xE/G microcontrollers suitable for a wide range of
applications:
•
Motor drive and application control
•
Medical equipment
•
Industrial applications: PLC, inverters, circuit breakers
•
Printers, and scanners
•
Alarm systems, video intercom, and HVAC
•
Home audio appliances
•
Mobile phone sensor hub
•
Wearable devices
•
Connected objects
•
Wifi modules