Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RGT7TR Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce STM32F412RGT7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGT7TR Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button STM32F412RGT7TR Datasheet HTML 47Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 48Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 49Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 50Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 51Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 52Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 53Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 54Page - STMicroelectronics STM32F412RGT7TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 201 page
background image
DocID028087 Rev 7
51/201
STM32F412xE/G
Pinouts and pin description
73
44
C7
9
E1
C1
9
PC15-
OSC32_
OUT
I/O
FT
(2)(4)
EVENTOUT
OSC32_
OUT
---
-
-
C3
10
PF0
I/O
FT
-
I2C2_SDA, FSMC_A0,
EVENTOUT
-
---
-
-
C4
11
PF1
I/O
FT
-
I2C2_SCL, FSMC_A1,
EVENTOUT
-
---
-
-
D4
12
PF2
I/O
FT
-
I2C2_SMBA, FSMC_A2,
EVENTOUT
-
-
-
-
-
-
E2
13
PF3
I/O
FT
-
TIM5_CH1, FSMC_A3,
EVENTOUT
-
-
-
-
-
-
E3
14
PF4
I/O
FT
-
TIM5_CH2, FSMC_A4,
EVENTOUT
-
-
-
-
-
-
E4
15
PF5
I/O
FT
-
TIM5_CH3, FSMC_A5,
EVENTOUT
-
-
-
-
10
F2
D2
16
VSS
S
-
-
-
-
---
11
G2
D3
17
VDD
S
-
-
-
-
-
-
-
-
-
F3
18
PF6
I/O
FT
-
TRACED0, TIM10_CH1,
QUADSPI_BK1_IO3,
EVENTOUT
-
-
-
-
-
-
F2
19
PF7
I/O
FT
-
TRACED1, TIM11_CH1,
QUADSPI_BK1_IO2,
EVENTOUT
-
---
-
-
G3
20
PF8
I/O
FT
-
TIM13_CH1,
QUADSPI_BK1_IO0,
EVENTOUT
-
---
-
-
G2
21
PF9
I/O
FT
-
TIM14_CH1,
QUADSPI_BK1_IO1,
EVENTOUT
-
-
-
-
-
-
G1
22
PF10
I/O
FT
-
TIM1_ETR, TIM5_CH4,
EVENTOUT
-
5
5
D8 12
F1
D1
23
PH0 -
OSC_IN
I/O
FT
(4)
EVENTOUT
OSC_IN
6
6
E8 13
G1
E1
24
PH1 -
OSC_OUT
I/O
FT
(4)
EVENTOUT
OSC_OUT
7
7
D7 14
H2
F1
25
NRST
I/O
RST
-
-
NRST
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More