| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F412RGT7PTR Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGT7PTR Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 201 page ![]() Pinouts and pin description STM32F412xE/G 58/201 DocID028087 Rev 7 - - - 60 H12 K10 82 PD13 I/O FT - TIM4_CH2, I2CFMP1_SDA, QUADSPI_BK1_IO3, FSMC_A18, EVENTOUT - --- - - G8 83 VSS S - - - - --- - - F8 84 VDD S - - - - - - - 61 H11 K11 85 PD14 I/O FT - TIM4_CH3, I2CFMP1_SCL, FSMC_D0/FSMC_DA0, EVENTOUT - - - - 62 H10 K12 86 PD15 I/O FT - TIM4_CH4, I2CFMP1_SDA, FSMC_D1/FSMC_DA1, EVENTOUT - --- - - J12 87 PG2 I/O FT - FSMC_A12, EVENTOUT - --- - - J11 88 PG3 I/O FT - FSMC_A13, EVENTOUT - --- - - J10 89 PG4 I/O FT - FSMC_A14, EVENTOUT - --- - - H12 90 PG5 I/O FT - FSMC_A15, EVENTOUT - --- - - H11 91 PG6 I/O FT - QUADSPI_BK1_NCS, EVENTOUT - --- - - H10 92 PG7 I/O FT - USART6_CK, EVENTOUT - - - - - - G11 93 PG8 I/O FT - USART6_RTS, EVENTOUT - --- - - - 94 VSS S - - - - --- - - F10 - VDD S - - - - - - C11 95 VDDUSB S - - - - Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |