Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RGT7PTR Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STM32F412RGT7PTR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGT7PTR Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STM32F412RGT7PTR Datasheet HTML 44Page - STMicroelectronics STM32F412RGT7PTR Datasheet HTML 45Page - STMicroelectronics STM32F412RGT7PTR Datasheet HTML 46Page - STMicroelectronics STM32F412RGT7PTR Datasheet HTML 47Page - STMicroelectronics STM32F412RGT7PTR Datasheet HTML 48Page - STMicroelectronics STM32F412RGT7PTR Datasheet HTML 49Page - STMicroelectronics STM32F412RGT7PTR Datasheet HTML 50Page - STMicroelectronics STM32F412RGT7PTR Datasheet HTML 51Page - STMicroelectronics STM32F412RGT7PTR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 201 page
background image
Pinouts and pin description
STM32F412xE/G
48/201
DocID028087 Rev 7
4.6
UFBGA100 pinout description
Figure 16. STM32F412xE/G UFBGA100 pinout
1. The above figure shows the package top view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More