| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F412XG Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412XG Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 201 page ![]() Pinouts and pin description STM32F412xE/G 60/201 DocID028087 Rev 7 32 44 D3 70 B12 C12 103 PA11 I/O FT - TIM1_CH4, SPI4_MISO, USART1_CTS, USART6_TX, CAN1_RX, USB_FS_DM, EVENTOUT - 33 45 C1 71 A12 B12 104 PA12 I/O FT - TIM1_ETR, SPI5_MISO, USART1_RTS, USART6_RX, CAN1_TX, USB_FS_DP, EVENTOUT - 34 46 C2 72 A11 A12 105 PA13 I/O FT - JTMS-SWDIO, EVENTOUT - - - - 73 C11 G9 106 VCAP_2 S - - - - 35 47 B1 74 F11 G10 107 VSS S - - - - 36 48 - 75 G11 - - VDD S - - - - -- A1 - - F9 108 VDD S - - - - 37 49 B2 76 A10 A11 109 PA14 I/O FT - JTCK-SWCLK, EVENTOUT - 38 50 A2 77 A9 A10 110 PA15 I/O FT - JTDI, TIM2_CH1/TIM2_ETR, SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART1_TX, EVENTOUT - - 51 C3 78 B11 B11 111 PC10 I/O FT - SPI3_SCK/I2S3_CK, USART3_TX, QUADSPI_BK1_IO1, SDIO_D2, EVENTOUT - - 52 B3 79 C10 B10 112 PC11 I/O FT - I2S3ext_SD, SPI3_MISO, USART3_RX, QUADSPI_BK2_NCS, FSMC_D2/FSMC_DA2, SDIO_D3, EVENTOUT - Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |