| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F412XG Fiches technique(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412XG Fiches technique(HTML) 50 Page - STMicroelectronics |
|
50 / 201 page ![]() Pinouts and pin description STM32F412xE/G 50/201 DocID028087 Rev 7 Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers Table 8. Legend/abbreviations used in the pinout table (continued) Name Abbreviation Definition Table 9. STM32F412xE/G pin definition Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions - - - 1B2A3 1 PE2 I/O FT - TRACECLK, SPI4_SCK/I2S4_CK, SPI5_SCK/I2S5_CK, QUADSPI_BK1_IO2, FSMC_A23, EVENTOUT - - - - 2A1A2 2 PE3 I/O FT - TRACED0, FSMC_A19, EVENTOUT - - - - 3B1B2 3 PE4 I/O FT - TRACED1, SPI4_NSS/I2S4_WS, SPI5_NSS/I2S5_WS, DFSDM1_DATIN3, FSMC_A20, EVENTOUT - --- 4 C2 B3 4 PE5 I/O FT - TRACED2, TIM9_CH1, SPI4_MISO, SPI5_MISO, DFSDM1_CKIN3, FSMC_A21, EVENTOUT - --- 5 D2 B4 5 PE6 I/O FT - TRACED3, TIM9_CH2, SPI4_MOSI/I2S4_SD, SPI5_MOSI/I2S5_SD, FSMC_A22, EVENTOUT - 1 1 B7 6 E2 C2 6 VBAT S - - - VBAT 2 2 B8 7 C1 A1 7 PC13 I/O FT (2)(3) EVENTOUT TAMP_1 33 C8 8 D1 B1 8 PC14- OSC32_IN I/O FT (2)(3)(4) EVENTOUT OSC32_IN |