Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DTP-BGA Fiches technique(PDF) 59 Page - Metcal

No de pièce DTP-BGA
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  METCAL [Metcal]
Site Internet  https://www.metcal.com/
Logo METCAL - Metcal

DTP-BGA Fiches technique(HTML) 59 Page - Metcal

Back Button DTP-BGA Datasheet HTML 55Page - Metcal DTP-BGA Datasheet HTML 56Page - Metcal DTP-BGA Datasheet HTML 57Page - Metcal DTP-BGA Datasheet HTML 58Page - Metcal DTP-BGA Datasheet HTML 59Page - Metcal DTP-BGA Datasheet HTML 60Page - Metcal DTP-BGA Datasheet HTML 61Page - Metcal DTP-BGA Datasheet HTML 62Page - Metcal DTP-BGA Datasheet HTML 63Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
01
56
TheDX-250SeriesDigitalDispensers/Controllersareeconomical,highlyaccurateandrepeatablemicro-air
dispensingsystems.Theseprecisionfluiddispensingsystemsincludedigitaltimer,vacuumcontrolforall
viscositiesoffluids.Packagedreadytousewithpoweradapter,airhose,sampletips,barrelandsyringe
adapter.
Availableintwoversionsofoperatingpressure:0to100psiforgeneralapplications,and0to15psifor
specificlowviscosityapplications.
DX-250 Digital Dispenser / Controller
Specifications
Size:
6"x7"x6"(15.2x17.8x15.2cm)
Voltage:
24VDCpoweradapterprovided
TimeRange: 0.020to60.000seconds
CycleMode: Timedandpurge
CEcertified
DX-250
DigitalDispenser0to100psi(0to6.9bar)
DX-255
DigitalDispenser0to15psi(0to1.03bar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64