Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DTP-BGA Fiches technique(PDF) 41 Page - Metcal

No de pièce DTP-BGA
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  METCAL [Metcal]
Site Internet  https://www.metcal.com/
Logo METCAL - Metcal

DTP-BGA Fiches technique(HTML) 41 Page - Metcal

Back Button DTP-BGA Datasheet HTML 37Page - Metcal DTP-BGA Datasheet HTML 38Page - Metcal DTP-BGA Datasheet HTML 39Page - Metcal DTP-BGA Datasheet HTML 40Page - Metcal DTP-BGA Datasheet HTML 41Page - Metcal DTP-BGA Datasheet HTML 42Page - Metcal DTP-BGA Datasheet HTML 43Page - Metcal DTP-BGA Datasheet HTML 44Page - Metcal DTP-BGA Datasheet HTML 45Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
38
APR-5000-XLS Advanced Package Rework System
TheAPR-5000-XLSAdvancedPackageReworkSystemprovidesboardcapabilitywithsmallboardprecision.This
systemperformsprecise,costeffectivereworkofthewidestrangeofPCBsandcomponenttypes,fromlargeboards
upto24.5"x24.5"(622mmx622mm)tocomponentsdownto0.020"x0.010"(0.5mmx0.25mm).
TheflexibleAPR-5000-XLSSystemincorporatesdualstagepre-heatersandhasthethermalcapacityandcontrolto
executepreciseprofilesofbothlargeandsmallPCBs,deliveringuniformtemperaturecontrolhorizontally,acrossthe
surfaceofPCBsupto0.25"(6.35mm)thick,andverticallybetweenthedieandballofthereworkedcomponent.
MotorizedX,Y,Zadjustmentsspeedplacementandhelpensureprocessrepeatability.Inaddition,motorizedTheta
axisprovides360ºrotationtosimplifycomponentorientation.Together,theseadvancedcontrolsreduceoperator
fatigue,improveplacementaccuracyandprovideprocessconsistency.
FeaturedontheAPR-5000-XLSAdvancedPackageReworkSystemisaninnovative
SplitVisionSystem,whichallowsoperatorstoviewtheoppositecornersofa
component,includingsplittingonrectangularcomponents,withthenecessary
magnificationtomakeitsplacementandregistrationfastandaccurate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64