Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53C96 Fiches technique(PDF) 61 Page - Advanced Micro Devices

No de pièce AM53C96
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96 Fiches technique(HTML) 61 Page - Advanced Micro Devices

Back Button AM53C96 Datasheet HTML 55Page - Advanced Micro Devices AM53C96 Datasheet HTML 56Page - Advanced Micro Devices AM53C96 Datasheet HTML 57Page - Advanced Micro Devices AM53C96 Datasheet HTML 58Page - Advanced Micro Devices AM53C96 Datasheet HTML 59Page - Advanced Micro Devices AM53C96 Datasheet HTML 60Page - Advanced Micro Devices AM53C96 Datasheet HTML 61Page - Advanced Micro Devices AM53C96 Datasheet HTML 62Page - Advanced Micro Devices AM53C96 Datasheet HTML 63Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
P R E L I M I N A R Y
AMD
61
Am53C94/Am53C96
PHYSICAL DIMENSIONS*
PQR100
Plastic Quad Flatpack Trimmed and Formed (measured in millimeters)
0.22
0.38
13.90
14.10
17.10
17.30
18.85
REF
19.90
20.10
23.00
23.40
0.65
REF
Pin 1 I.D.
12.35
REF
2.60
3.00
3.35
MAX
0.70
0.90
TOP VIEW
SIDE VIEW
15590D
BX 45
9/6/91 SG
PQJ 100 (Plastic Quad Flat Pack; Trimmed and Formed)
(measured in millimeters)
0.25
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63