Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53C96 Fiches technique(PDF) 2 Page - Advanced Micro Devices

No de pièce AM53C96
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96 Fiches technique(HTML) 2 Page - Advanced Micro Devices

  AM53C96 Datasheet HTML 1Page - Advanced Micro Devices AM53C96 Datasheet HTML 2Page - Advanced Micro Devices AM53C96 Datasheet HTML 3Page - Advanced Micro Devices AM53C96 Datasheet HTML 4Page - Advanced Micro Devices AM53C96 Datasheet HTML 5Page - Advanced Micro Devices AM53C96 Datasheet HTML 6Page - Advanced Micro Devices AM53C96 Datasheet HTML 7Page - Advanced Micro Devices AM53C96 Datasheet HTML 8Page - Advanced Micro Devices AM53C96 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
P R E L I M I N A R Y
AMD
2
Am53C94/Am53C96
SCSI Environment
Valid Signal
Glitches
>15 ns
<15 ns
Glitches pass through as valid signals
ACK or
REQ Input
Device without the
GLITCH EATER Circuit
Glitches Filtered
AMD’s Device with the
GLITCH EATER Circuit
Valid Signal Passes
16506C-1
GLITCH EATER Circuitry in SCSI Environment
ACK or
REQ Input
SYSTEM BLOCK DIAGRAM
9
CPU
DMA
Memory
Am53C94/96
8
16
16
4
9
SCSI Data
16
DMA
Addr
Data
16506C-2
SCSI Control
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63