Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320C40KGDCT Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TMP320C40KGDCT
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TMP320C40KGDCT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TMP320C40KGDCT Datasheet HTML 6Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 7Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 8Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 9Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 10Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 11Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 12Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 13Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TMP320C40KGDC, SMJ320C40KGDC, TMP320C40KGDCT, SMJ320C40KGDCT
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
KNOWN GOOD DIES
SGUS024C − MARCH 1997 − REVISED OCTOBER 2001
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Table 1. ’320C40 Die Pad / TAB Lead Information : Rev. 5.2 (0,72
µm) (Continued)
DIE SIDE #3
C40 DIE BOND
PAD LOCATIONS
DIE/TAB BOND
PAD IDENTITY
X-COORDINATE OF DIE
BOND PAD
Y-COORDINATE OF DIE
BOND PAD
PITCH OF LEAD
(#, #) REFERENCES WHICH DIE
BOND PADS
163
C0D2
810.00
126.00 (163, 164)
164
C0D1
936.00
126.00 (164, 165)
165
C0D0
1062.00
126.00 (165, 166)
166
CVSS
1188.00
126.00 (166, 167)
167
DVDD
1314.00
156.42 (167, 168)
168
ROMEN
1470.42
152.46 (168, 169)
169
IIOF0
1622.88
126.00 (169, 170)
170
DVSS
1748.88
126.00 (170, 171)
171
IIOF1
1874.88
126.00 (171, 172)
172
IIOF2
2000.88
126.00 (172, 173)
173
IIOF3
2126.88
156.42 (173, 174)
174
NMI
2283.30
152.10 (174, 175)
175
LSTRB0
2435.40
126.00 (175, 176)
176
LR / W0
2561.40
126.00 (176, 177)
177
LPAGE0
2687.40
156.42 (177, 178)
178
LRDY0
2843.82
172.80 (178, 179)
179
LCE0
3016.62
152.10 (179, 180)
180
LSTRB1
3168.72
126.00 (180, 181)
181
LR / W1
3294.72
126.00 (181, 182)
182
DVDD
3420.72
126.00 (182, 183)
183
CVSS
11779.74
3546.72
126.00 (183, 184)
184
LPAGE1
11779.74
3672.72
156.42 (184, 185)
185
LRDY1
3829.14
172.80 (185, 186)
186
LCE1
4001.94
172.80 (186, 187)
187
LDE
4174.74
152.10 (187, 188)
188
TCLK0
4326.84
126.00 (188, 189)
189
TCLK1
4452.84
126.00 (189, 190)
190
H3
4578.84
126.00 (190, 191)
191
H1
4704.84
156.42 (191, 192)
192
LAE
4861.26
152.10 (192, 193)
193
IVSS
5013.36
126.00 (193, 194)
194
LLOCK
5139.36
126.00 (194, 195)
195
LSTAT0
5265.36
126.00 (195, 196)
196
LSTAT1
5391.36
126.00 (196, 197)
197
LSTAT2
5517.36
126.00 (197, 198)
198
LSTAT3
5643.36
127.44 (198, 199)
199
IACK
5770.80
126.00 (199, 200)
200
VDDL
5896.80
126.00 (200, 201)
201
VSSL
6022.80
131.94 (201, 202)
202
X1
6154.74
171.58 (202, 203)
203
X2 / CLKIN
6326.28
168.12 (203, 204)
204
CVSS
6494.40
126.00 (204, 205)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15