Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320C40KGDCT Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TMP320C40KGDCT
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TMP320C40KGDCT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TMP320C40KGDCT Datasheet HTML 2Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 3Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 4Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 5Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 6Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 7Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 8Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 9Page - Texas Instruments TMP320C40KGDCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TMP320C40KGDC, SMJ320C40KGDC, TMP320C40KGDCT, SMJ320C40KGDCT
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
KNOWN GOOD DIES
SGUS024C − MARCH 1997 − REVISED OCTOBER 2001
6
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Table 1. ’320C40 Die Pad / TAB Lead Information : Rev. 5.2 (0,72
µm)
DIE SIDE #1
C40 DIE BOND
PAD LOCATIONS
DIE/TAB BOND
PAD IDENTITY
X-COORDINATE OF DIE
BOND PAD
Y-COORDINATE OF DIE
BOND PAD
PITCH OF LEAD
(#, #) REFERENCES WHICH DIE
BOND PADS
1
D31
11368.44
126.00 (1, 2)
2
D30
11242.44
126.00 (2, 3)
3
D29
11116.44
126.00 (3, 4)
4
D28
10990.44
126.00 (4, 5)
5
D27
10864.44
126.00 (5, 6)
6
D26
10738.44
126.00 (6, 7)
7
GDDVDD
10612.44
126.00 (7, 8)
8
D25
10486.44
126.00 (8, 9)
9
D24
10360.44
126.00 (9, 10)
10
D23
10234.44
126.00 (10, 11)
11
D22
10108.44
126.00 (11, 12)
12
D21
9982.44
126.00 (12, 13)
13
D20
9856.44
126.00 (13, 14)
14
D19
9730.44
126.00 (14, 15)
15
D18
9604.44
126.00 (15, 16)
16
D17
9478.44
126.00 (16, 17)
17
D16
9352.44
126.00 (17, 18)
18
CVSS
9226.44
126.00 (18, 19)
19
IVSS
9100.44
126.00 (19, 20)
20
GDDVDD
8974.44
126.00 (20, 21)
21
DVSS
− 429.48
8848.44
126.00 (21, 22)
22
D15
− 429.48
8722.44
126.00 (22, 23)
23
D14
8596.44
126.00 (23, 24)
24
D13
8470.44
126.00 (24, 25)
25
D12
8344.44
126.00 (25, 26)
26
D11
8218.44
126.00 (26, 27)
27
D10
8092.44
126.00 (27, 28)
28
D9
7966.44
126.00 (28, 29)
29
D8
7840.44
126.00 (29, 30)
30
D7
7714.44
126.00 (30, 31)
31
D6
7588.44
126.00 (31, 32)
32
D5
7462.44
126.00 (32, 33)
33
GDDVDD
7336.44
126.00 (33, 34)
34
D4
7210.44
126.00 (34, 35)
35
D3
7084.44
126.00 (35, 36)
36
D2
6958.44
126.00 (36, 37)
37
D1
6832.44
126.00 (37, 38)
38
D0
6706.44
156.42 (38, 39)
39
CE1
6550.02
172.80 (39, 40)
40
RDY1
6377.22
152.10 (40, 41)
41
DVSS
6225.12
126.00 (41, 42)
42
CVSS
6099.12
126.00 (42, 43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15