| Moteur de recherche de fiches techniques de composants électroniques |
|
PCM3003E/2K Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM3003E/2K Fiches technique(HTML) 7 Page - Texas Instruments |
|
7 / 42 page ![]() www.ti.com TYPICAL PERFORMANCE CURVES ADC SECTION 86 88 90 92 94 −25 0 25 50 75 100 TA − Free-Air Temperature − °C SNR 94 92 90 86 88 G002 Dynamic Range 0.002 0.004 0.006 0.008 0.010 −25 0 25 50 75 100 TA − Free-Air Temperature − °C −0.5 dB 5 4 3 1 2 −60 dB G001 86 88 90 92 94 2.1 2.4 2.7 3.0 3.3 3.6 3.9 VCC − Supply Voltage − V 94 92 90 86 88 G004 Dynamic Range SNR 0.002 0.004 0.006 0.008 0.010 2.1 2.4 2.7 3.0 3.3 3.6 3.9 VCC − Supply Voltage − V 5 4 3 1 2 G003 −60 dB −0.5 dB PCM3002 PCM3003 SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004 All specifications at T A = 25°C, VCC = VDD = 3 V, fS = 44.1 kHz, fSYSCLK = 384 fS, and fSIGNAL = 1 kHz, unless otherwise noted THD+N DYNAMIC RANGE and SNR vs vs TEMPERATURE TEMPERATURE Figure 1. Figure 2. THD+N DYNAMIC RANGE and SNR vs vs SUPPLY VOLTAGE SUPPLY VOLTAGE Figure 3. Figure 4. NOTE: All characteristics at supply voltages from 2.4 V to 2.7 V are measured at SYSCLK = 256 fS. 7 |