| Moteur de recherche de fiches techniques de composants électroniques |
|
PCM3003E/2K Fiches technique(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM3003E/2K Fiches technique(HTML) 26 Page - Texas Instruments |
|
26 / 42 page ![]() www.ti.com B8 B15 ML MC MD B9 B10 B11 B12 B13 B14 B0 B7 B1 B2 B3 B4 B5 B6 T0023-01 t(MCH) ML LSB t(MCL) t(MHH) t(MCY) t(MDH) t(MDS) MC MD t(MLS) t(MLL) t(MLH) T0024-02 0.5 VDD 0.5 VDD 0.5 VDD PCM3002 PCM3003 SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004 Figure 49. Control Data Input Format MC pulse cycle time t(MCY) 100 ns (min) MC pulse duration, LOW t(MCL) 40 ns (min) MC pulse duration, HIGH t(MCH) 40 ns (min) MD setup time t(MDS) 40 ns (min) MD hold time t(MDH) 40 ns (min) ML low-level time t(MLL) 40 ns + 1 SYSCLK(1) (min) ML high-level time t(MHH) 40 ns + 1 SYSCLK(1) (min) ML setup time(3) t(MLS) 40 ns (min) ML hold time(2) t(MLH) 40 ns (min) SYSCLK: 1/256 fS or 1/384 fS or 1/512 fS (1) SYSCLK: System clock cycle (2) MC rising edge of LSB to ML rising edge (3) ML rising edge to the next MC rising edge Figure 50. Control Data Input Timing 26 |