Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF85063TP Fiches technique(PDF) 46 Page - NXP Semiconductors

No de pièce PCF85063TP
Description  Tiny Real-Time Clock/calendar
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063TP Fiches technique(HTML) 46 Page - NXP Semiconductors

Back Button PCF85063TP Datasheet HTML 42Page - NXP Semiconductors PCF85063TP Datasheet HTML 43Page - NXP Semiconductors PCF85063TP Datasheet HTML 44Page - NXP Semiconductors PCF85063TP Datasheet HTML 45Page - NXP Semiconductors PCF85063TP Datasheet HTML 46Page - NXP Semiconductors PCF85063TP Datasheet HTML 47Page - NXP Semiconductors PCF85063TP Datasheet HTML 48Page - NXP Semiconductors PCF85063TP Datasheet HTML 49Page - NXP Semiconductors PCF85063TP Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
PCF85063TP
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 6 May 2015
46 of 52
NXP Semiconductors
PCF85063TP
Tiny Real-Time Clock/calendar
22. References
[1]
AN10365 — Surface mount reflow soldering description
[2]
AN10366 — HVQFN application information
[3]
AN11247 — Improved timekeeping accuracy with PCF85063, PCF8523 and
PCF2123 using an external temperature sensor
[4]
IEC 60134 — Rating systems for electronic tubes and valves and analogous
semiconductor devices
[5]
IEC 61340-5 — Protection of electronic devices from electrostatic phenomena
[6]
IPC/JEDEC J-STD-020 — Moisture/Reflow Sensitivity Classification for
Nonhermetic Solid State Surface Mount Devices
[7]
JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM)
[8]
JESD22-C101 — Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components
[9]
JESD78 — IC Latch-Up Test
[10] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices
[11] SOT1069-2_147 — HWSON8; Reel pack, SMD, 7", packing information
[12] UM10204 — I2C-bus specification and user manual
[13] UM10301 — User Manual for NXP Real Time Clocks PCF85x3, PCA8565 and
PCF2123, PCA2125
[14] UM10569 — Store and transport requirements
[15] UM10698 — User manual for I2C-bus RTC demo board OM11059A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52