| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2917 Fiches technique(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2917 Fiches technique(HTML) 47 Page - NXP Semiconductors |
|
47 / 68 page ![]() LPC2917_19_1 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 1.01 — 15 November 2007 47 of 68 NXP Semiconductors LPC2917/19 ARM9 microcontroller with CAN and LIN 8.8.5 Reset Generation Unit (RGU) 8.8.5.1 Overview The key features of the Reset Generation Unit (RGU) are: • Reset controlled individually per subsystem • Automatic reset stretching and release • Monitor function to trace resets back to source • Register write-protection mechanism to prevent unintentional resets 8.8.5.2 Description The RGU controls all internal resets. Each reset output is defined as a (combination of) reset input sources including the external reset input pins and internal power-on reset, see Table 25. The first five resets listed in this table form a sort of cascade to provide the multiple levels of impact that a reset may have. The combined input sources are logically OR-ed together so that activating any of the listed reset sources causes the output to go active. Table 25. Reset output configuration Reset Output Reset Source parts of the device reset when activated POR_RST power-on reset module LP_OSC; is source for RGU_RST RGU_RST POR_RST, RSTN pin RGU internal; is source for PCR_RST PCR_RST RGU_RST, WATCHDOG PCR internal; is source for COLD_RST COLD_RST PCR_RST parts with COLD_RST as reset source below WARM_RST COLD_RST parts with WARM_RST as reset source below SCU_RST COLD_RST SCU CFID_RST COLD_RST CFID FMC_RST COLD_RST embedded Flash-Memory Controller (FMC) EMC_RST COLD_RST embedded SRAM-Memory Controller SMC_RST COLD_RST external Static-Memory Controller (SMC) GESS_A2V_RST WARM_RST GeSS AHB-to-VPB bridge PESS_A2V_RST WARM_RST PeSS AHB-to-VPB bridge GPIO_RST WARM_RST all GPIO modules UART_RST WARM_RST all UART modules TMR_RST WARM_RST all Timer modules in PeSS SPI_RST WARM_RST all SPI modules IVNSS_A2V_RST WARM_RST IVNSS AHB-to-VPB bridge IVNSS_CAN_RST WARM_RST all CAN modules including Acceptance filter IVNSS_LIN_RST WARM_RST all LIN modules MSCSS_A2V_RST WARM_RST MSCSS AHB to VPB bridge MSCSS_PWM_RST WARM_RST all PWM modules MSCSS_ADC_RST WARM_RST all ADC modules MSCSS_TMR_RST WARM_RST all Timer modules in MSCSS VIC_RST WARM_RST Vectored Interrupt Controller (VIC) AHB_RST WARM_RST CPU and AHB Multilayer Bus infrastructure |