| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2917 Fiches technique(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2917 Fiches technique(HTML) 41 Page - NXP Semiconductors |
|
41 / 68 page ![]() LPC2917_19_1 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 1.01 — 15 November 2007 41 of 68 NXP Semiconductors LPC2917/19 ARM9 microcontroller with CAN and LIN 8.8.3 PCR subsystem clock description The PCRSS is clocked by a number of different clocks. CLK_SYS_PCRSS clocks the AHB side of the AHB to DTL bus bridge and CLK_PCR_SLOW clocks the CGU, RGU and PMU internal logic, see Section 7.2.2. CLK_SYS_PCRSS is derived from BASE_SYS_CLK, which can be switched off in low-power modes. CLK_PCR_SLOW is derived from BASE_PCR_CLK and is always on in order to be able to wake up from low-power modes. 8.8.4 Clock Generation Unit (CGU) 8.8.4.1 Overview The key features are: Fig 11. PCRSS block diagram Power, Clock & Reset RGU CGU RGU registers Input Deglitch/ Sync POR Reset Output Delay Logic branch clocks FDIV[6:0] PLL out0 out1 … out9 Low Power Ring Oscillator (Ringo) base clocks PMU wakeup_a AHB Master Disable Grant AHB Master Disable Req WARM_RST COLD_RST PCR_RST RGU_RST POR_RST RSTN (device pin) Reset from Watchdog counter AHB_RST ... ... SCU_RST AHB2DTL Bridge CGU registers Xtal Oscillator |