| Moteur de recherche de fiches techniques de composants électroniques |
|
68HC05PL4B Fiches technique(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05PL4B Fiches technique(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 98 page ![]() April 30, 1998 GENERAL RELEASE SPECIFICATION MC68HC05PL4 16-BIT PROGRAMMABLE TIMER REV 2.0 9-1 SECTION 9 16-BIT PROGRAMMABLE TIMER The MC68HC05PL4 MCU contains a 16-bit programmable Timer with an Input Capture function and an Output Compare function as shown by the block diagram in Figure 9-1. Figure 9-1. Programmable Timer Block Diagram TMRH ($0018) TMRL ($0019) 16-BIT COUNTER ÷ 4 INTERNAL (XTAL ÷ 2) TIMER CONTROL REGISTER TIMER REQUEST RESET CLOCK INTERRUPT ACRH ($001A) ACRL ($001B) 16-BIT COMPARATOR OCRH ($0016) OCRL ($0017) PA2 TCAP EDGE SELECT & DETECT TIMER STATUS REGISTER $0012 $0013 INTERNAL DATA BUS LOGIC ICRH ($0014) ICRL ($0015) D C Q PA3 TCMP Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |