Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05PL4B Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  68HC05PL4B Datasheet HTML 1Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 2Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
REV 2.0
i
TABLE OF CONTENTS
Section
Page
SECTION 1
GENERAL DESCRIPTION
1.1
FEATURES...................................................................................................... 1-1
1.2
MCU BLOCK DIAGRAM.................................................................................. 1-2
1.3
PIN ASSIGNMENTS........................................................................................ 1-3
1.4
PIN DESCRIPTIONS ....................................................................................... 1-4
1.4.1
VDD, VSS.................................................................................................... 1-4
1.4.2
OSC1, OSC2 ............................................................................................... 1-4
1.4.3
RESET......................................................................................................... 1-4
1.4.4
LED/IRQ ...................................................................................................... 1-4
1.4.5
PA0, PA1/DTMF, PA2/TCAP, PA3/TCMP, PA4-PA6.................................. 1-5
1.4.6
PB0/KBI0-PB3/KBI3, PB4-PB7.................................................................... 1-5
1.4.7
PC0-PC7...................................................................................................... 1-6
SECTION 2
MEMORY
2.1
MEMORY MAP ................................................................................................ 2-1
2.2
I/O REGISTERS .............................................................................................. 2-2
2.3
RAM ................................................................................................................. 2-2
2.4
ROM................................................................................................................. 2-2
2.5
COP WATCHDOG REGISTER (COPR).......................................................... 2-2
SECTION 3
CENTRAL PROCESSING UNIT
3.1
REGISTERS .................................................................................................... 3-1
3.2
ACCUMULATOR (A) ....................................................................................... 3-2
3.3
INDEX REGISTER (X)..................................................................................... 3-2
3.4
STACK POINTER (SP).................................................................................... 3-2
3.5
PROGRAM COUNTER (PC) ........................................................................... 3-2
3.6
CONDITION CODE REGISTER (CCR)........................................................... 3-3
3.6.1
Half Carry Bit (H-Bit).................................................................................... 3-3
3.6.2
Interrupt Mask (I-Bit).................................................................................... 3-3
3.6.3
Negative Bit (N-Bit)...................................................................................... 3-3
3.6.4
Zero Bit (Z-Bit) ............................................................................................. 3-3
3.6.5
Carry/Borrow Bit (C-Bit) ............................................................................... 3-4
SECTION 4
INTERRUPTS
4.1
INTERRUPT VECTORS .................................................................................. 4-1
4.2
INTERRUPT PROCESSING ........................................................................... 4-2
4.3
SOFTWARE INTERRUPT ............................................................................... 4-4
4.4
EXTERNAL INTERRUPT ................................................................................ 4-4
4.4.1
LED/IRQ Pin ................................................................................................ 4-4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98