Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1S06APMR Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce ST1S06APMR
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06APMR Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button ST1S06APMR Datasheet HTML 6Page - STMicroelectronics ST1S06APMR Datasheet HTML 7Page - STMicroelectronics ST1S06APMR Datasheet HTML 8Page - STMicroelectronics ST1S06APMR Datasheet HTML 9Page - STMicroelectronics ST1S06APMR Datasheet HTML 10Page - STMicroelectronics ST1S06APMR Datasheet HTML 11Page - STMicroelectronics ST1S06APMR Datasheet HTML 12Page - STMicroelectronics ST1S06APMR Datasheet HTML 13Page - STMicroelectronics ST1S06APMR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical performance characteristics
ST1S06
10/19
Figure 9.
Voltage feedback vs temperature
Figure 10.
Input voltage vs output voltage
Figure 11.
Feedback pin bias current vs
temperature
Figure 12.
Quiescent current vs temperature
Figure 13.
Quiescent current vs temperature
Figure 14.
Inhibit voltage vs input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com