Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1S06APMR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ST1S06APMR
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06APMR Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ST1S06APMR Datasheet HTML 2Page - STMicroelectronics ST1S06APMR Datasheet HTML 3Page - STMicroelectronics ST1S06APMR Datasheet HTML 4Page - STMicroelectronics ST1S06APMR Datasheet HTML 5Page - STMicroelectronics ST1S06APMR Datasheet HTML 6Page - STMicroelectronics ST1S06APMR Datasheet HTML 7Page - STMicroelectronics ST1S06APMR Datasheet HTML 8Page - STMicroelectronics ST1S06APMR Datasheet HTML 9Page - STMicroelectronics ST1S06APMR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
ST1S06
6/19
4
Electrical characteristics
Table 4.
Electrical characteristics for ST1S06
(VIN_SW =VIN_A =VINH =5V, VO=1.2V, CI =4.7µF, CO =22µF, L1 =3.3µH, TJ =-30 to 125°C
(unless otherwise specified. Typical values are referred to TJ = 25°C)
Note: 1 Guaranteed by design, but not tested in production
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FB
Feedback voltage
784
800
816
mV
IFB
VFB pin bias current
600
nA
VI
Minimum input voltage
IO= 10mA to 1.5A
2.7
V
IQ
Quiescent current
VINH > 1.2V
1.5
mA
VINH < 0.4V, TJ = -30°C to 85°C
1µA
IO
Output current
VI = 2.7 to 5.5V Note: 1
1.5
A
VINH
Inhibit threshold
Device ON, VI = 2.7 to 5.5V
1.3
V
Device ON, VI = 2.7 to 5V
1.2
Device OFF
0.4
IINH
Inhibit pin current
2µA
%VO/∆VI Reference line regulation
VI = 2.7V to 5.5V Note: 1
0.2
0.3
%VO/
∆VI
%VO/∆IO Reference load regulation
IO = 10mA to 1.5A Note: 1
0.2
0.3
%VO/
∆IO
PWMfS
PWM Switching frequency
VFB = 0.8V
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
80
87
%
RDSON-N NMOS Switch on resistance
ISW = 750 mA
0.12
Ω
RDSON-P PMOS Switch on resistance
ISW = 750 mA
0.15
Ω
ISWL
Switching current limitation
Note: 1
2.3
A
ν
Efficiency
Note: 1
IO = 10mA to 100mA, VO = 3.3V
65
%
IO = 100mA to 1.5A, VO = 3.3V
85
90
TSHDN
Thermal shutdown
130
150
°C
THYS
Thermal shutdown hysteresis
15
°C
%VO/∆IO Load transient response
IO = 100mA to 750mA, TJ = 25°C
tR = tF ≥ 200ns, Note: 1
-5
+5
%VO
%VO/∆IO Short circuit removal response
IO = 10mA to IO=short, TJ = 25°C
Note: 1
-10
+10
%VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com