| Moteur de recherche de fiches techniques de composants électroniques |
|
CD4504BMPWREP.A Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD4504BMPWREP.A Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 16 page ![]() 1 FEATURES SUPPORTS DEFENSE, AEROSPACE, 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 V CC A OUT A IN B OUT B IN C OUT C IN V SS V DD F OUT F IN SELECT E OUT E IN D OUT D IN (TO P V IE W ) DESCRIPTION CD4504B-EP www.ti.com .......................................................................................................................................................................................... SCHS369 – NOVEMBER 2008 CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION AND MEDICAL APPLICATIONS • Independence of Power-Supply Sequence • Controlled Baseline Considerations – VCC Can Exceed VDD; Input Signals Can Exceed Both VCC and VDD • One Assembly/Test Site • One Fabrication Site • Up and Down Level-Shifting Capability • Available in Military (–55°C/125°C) • Shiftable Input Threshold for Either CMOS or Temperature Range(1) TTL Compatibility • Extended Product Life Cycle • Standardized Symmetrical Output • Extended Product-Change Notification Characteristics • Product Traceability • 100% Tested for Quiescent Current at 20 V • Maximum Input Current of 1 µA at 18 V Over Full Package-Temperature Range: 100 nA at 18 V and 25°C • 5 V, 10 V, and 15 V Parametric Ratings • Meets All Requirements of JEDEC Standard No. 13B, "Standard Specifications for Description of 'B' Series CMOS Devices" (1) Additional temperature ranges are available – contact factory CD4504B hex voltage level-shifter consists of six circuits which shift input signals from the VCC logic level to the VDD logic level. To shift TTL signals to CMOS logic levels, the SELECT input is at the VCC HIGH logic state. When the SELECT input is at a LOW logic state, each circuit translates signals from one CMOS level to another. ORDERING INFORMATION(1) TA PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING –55°C to 125°C TSSOP – PW Reel of 2000 CD4504BMPWREP 4504BEP (1) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - CD4504BMPWREP.A |
|
Description similaire - CD4504BMPWREP.A |