| Moteur de recherche de fiches techniques de composants électroniques |
|
CD4504BMPWREP.A Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD4504BMPWREP.A Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 16 page ![]() STATIC ELECTRICAL CHARACTERISTICS CD4504B-EP www.ti.com .......................................................................................................................................................................................... SCHS369 – NOVEMBER 2008 over operating free-air temperature range (unless otherwise noted) CONDITIONS LIMITS AT INDICATED TEMPERATURES (°C) CHARACTERISTIC +25 UNIT VO VIN VCC VCC –55 –40 +85 +125 (V) (V) (V) (V) MIN TYP MAX 0, 5 5 5 1.5 1.5 1.5 1.5 0.02 1.5 mA 0, 10 5 10 2 2 2 2 0.02 2 Quiescent device current, IDD max and ICC in CMOS-CMOS mode 0, 15 5 15 4 4 120 120 0.02 4 µA 0, 20 5 20 20 20 600 600 0.04 20 0, 5 5 5 5 5 6 6 2.5 5 Quiescent device current, 0, 10 5 10 5 5 6 6 2.5 5 mA ICC max TTL-CMOS mode 0, 15 5 15 5 5 6 6 2.5 5 0.4 0, 5 5 0.64 0.61 0.42 0.36 0.51 1 Output low (sink) current, 0.5 0, 10 10 1.6 1.5 1.1 0.9 1.3 2.6 IOL min 1.5 0, 15 15 4.2 4 2.8 2.4 3.4 6.8 4.6 0, 5 5 –0.64 –0.61 –0.42 –0.36 –0.51 –1 mA 2.5 0, 5 5 –2 –1.8 –1.3 –1.15 –1.6 –3.2 Output high (source) current, IOH min 9.5 0, 10 10 –1.6 –1.5 –1.1 –0.9 –1.3 –2.6 13.5 0, 15 15 –4.2 –4 –2.8 –2.4 –3.4 –6.8 0, 5 5 0.05 0 0.05 Output voltage: 0, 10 10 0.05 0 0.05 low-level, VOL max 0, 15 15 0.05 0 0.05 0, 5 5 4.95 4.95 5 Output voltage: 0, 10 10 9.95 9.95 10 high-level, VOH min 0, 15 15 14.95 14.95 15 TTL-CMOS 1 5 10 0.8 0.8 TTL-CMOS 1 5 15 0.8 0.8 V Input low voltage, CMOS-CMOS 1 5 10 1.5 1.5 VIL max (1) CMOS-CMOS 1.5 5 15 1.5 1.5 CMOS-CMOS 1.5 10 15 3 3 TTL-CMOS 9 5 10 2 2 TTL-CMOS 13.5 5 15 2 2 Input high voltage, CMOS-CMOS 9 5 10 3.5 3.5 VIH min (1) CMOS-CMOS 13.5 5 15 3.5 3.5 CMOS-CMOS 13.5 10 15 7 7 Input current, IIN max 0, 18 18 ±0.1 ±0.1 ±1 ±1 ±10–5 ±0.1 µA (1) Applies to the six input signals. For mode control (P13), only the CMOS-CMOS ratings apply. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): CD4504B-EP |