Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MOS Fiches technique(PDF) 1 Page - KOA Speer Electronics, Inc.

No de pièce MOS
Description  POWER TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KOA [KOA Speer Electronics, Inc.]
Site Internet  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MOS Fiches technique(HTML) 1 Page - KOA Speer Electronics, Inc.

  MOS Datasheet HTML 1Page - KOA Speer Electronics, Inc. MOS Datasheet HTML 2Page - KOA Speer Electronics, Inc. MOS Datasheet HTML 3Page - KOA Speer Electronics, Inc. MOS Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER TYPE
MOS FixedMetalOxideFilmResistors(Smalltype)
MOSX FixedMetalFilmResistors(Smalltype)
Coating color: Lavender
Marking:Color code(0.5W, 1W)
     Alphanumeric(2W, 3W, 5W)
■Features
・Small size power type resistors.
・Flame retardant coating.(Equivalent to UL94 V-0)
・Automatic insertion is applicable.
・Various types of formings are available.
・High reliability.
・Products meet EU-RoHS requirements.
・Automatic mounting machine is applicable by surface
mounted device style lead forming.
■Reference Standards
 IEC 60115-4
 JIS C 5201-4
 EIAJ RC-2138
■Ratings
■Type Designation
 Example
※3 Please consult with us for resistance other than catalog specification (tol.F/G)
Rated Ambient Temperature :+70℃
Operating Temperature Range :−55℃∼+200℃
Rated voltage= Power Rating×Resistance value or Max. working voltage, whichever is lower.
■Taping & Forming Matrix
Contact us when you have control request for environmental hazardous material other than the substance specified by
EU-RoHS.
For further information on taping and forming, please refer to APPENDIX C on the back pages.
■Construction
L
C
①②
③④
⑤
⑥
⑦
D
① Marking
⑤ Electrode cap
② Flame retardant insulation coating
⑥ Lead wire
③ Trimming line
⑦ Resistive film
④ Ceramic core
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄
166
■Dimensions
EU
RoHS
Type
Dimensions(mm)
Weight(g)
(1000pcs)
L
C Max.
D
d(Nominal)※1
ℓ※1
MOS(X)1/2
6.2±0.5
7.1
2.5±0.5
0.6
24Min.
250
MOS(X)1
9.0±1.0
11.1
3.0±0.5
350
MOS(X)2
12.0±1.0
15.0
4.0±0.5
0.8
800
MOS(X)3
15.5±1.0
18.0
6.0±1.0
30±3
1,400
MOS(X)5
24.5±1.0
28.0
9.0±1.0
38±3
5,240
※1 Lead length changes depending on taping and forming type. Example:1C, 1CT52, 1CT526=0.6mm 1C8, 1CT528=0.8mm
MOS
1
C
T52
A
103
J
Product
Code
MOS:小形酸化金属皮膜
   固定抵抗器
MOSX:小形金属皮膜
    固定抵抗器
Power
Rating
1/2:0.5W
1:1W
2:2W
3:3W
5:5W
Terminal
Surface Material
C: SnCu
Taping &
Forming
See table
below
Packaging
A:AMMO
R:REEL
Nil:BOX
TEB・TEG:Plastic
embossed (N forming)
Nominal
Resistance
F:4 digits
G,J:3 digits
Resistance
Tolerance
F : ±1%
G: ±2%
J : ±5%
Type
Axial Taping
Stand-off Axial Taping VT Radial Taping GT Radial Taping
L Forming※2
U Forming
M Forming※2
N Forming※2
T26 T52 T521 T631 L52 L521 L631 VTP VTE VTF GT GT4 L10A L12.5A L15A L20A L25A L30A L35A U UCL M10 M12.5 M15 M20 M26 M30 N14.5 N17 N20
MOS(X)1/2C
○
○
-
-
-
-
-
○
○
-
○
-
○
-
-
-
-
-
-
-
-
○
-
-
-
-
-
-
-
-
MOS(X)1C
-
○
-
-
○
-
-
○
-
-
○
○
-
○
○
-
-
-
-
○
○
-
○
○
-
-
-
○
-
-
MOS(X)2C
-
○
○
-
-
○
-
○
-
○
○
○
-
-
○
○
-
-
-
○
○
-
-
○
○
-
-
-
○
-
MOS(X)3C
-
-
○
○
-
○
○
-
-
-
○
-
-
-
-
○
○
○
-
○
○
-
-
-
○
○
-
-
-
○
MOS(X)5C
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
○
○
-
-
-
-
-
-
-
○
-
-
-
Type
Power
Rating
Resistance Range
(Ω)
T.C.R.
(×10−6/K)
Max. Working
Voltage
Max. Overload
Voltage
Dielectric
Withstanding
Voltage
Taping&Q'ty/AMMO pack(pcs)
F:±1%(E24・E96)※3 G:±2%(E24)※3 J:±5%(E24)
T26A
T52A
T521A
T631A
MOS1/2C
0.5W
10~47k
10~47k
10~47k
±300
E= P×R(V)
600V
400V
2,000
2,000
—
—
MOS1C
1W
10~68k
10~68k
10~100k
500V
—
2,000
—
—
MOS2C
2W
10~100k
10~100k
350V
700V
—
1,000
1,000
—
MOS3C
3W
—
700V
—
—
500
1,000
MOS5C
5W
500V
1000V
800V
—
—
—
—
MOSX1/2C
0.5W
1.0~9.1
0.22~9.1
0.1~9.1
E= P×R(V) E×2.5(V)
400V
2,000
2,000
—
—
MOSX1C
1W
500V
—
2,000
—
—
MOSX2C
2W
—
1,000
1,000
—
MOSX3C
3W
—
700V
—
—
500
1,000
MOSX5C
5W
800V
—
—
—
—
√ ̄ ̄
※2 P168,169 Ref. Secondary Processed Products
√ ̄ ̄
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Oct. 2020
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2022


Numéro de pièce similaire - MOS

FabricantNo de pièceFiches techniqueDescription
logo
Willow Technologies Ltd
MOS WILLOW-MOS Datasheet
87Kb / 2P
METAL OXIDE FILM RESISTORS
logo
Advantech Co., Ltd.
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
333Kb / 2P
Isolated 16 DI / 8 DO, 1-Ch, DB37, PCIe I/F
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
1Mb / 3P
Intel Celeron N3350 DC SoC With Dual LAN/ Four USB 3.0/M.2/TPM IoT Gateway Modular Fanless Box PC
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
1Mb / 3P
Intel® Celeron™ N3350 DC SoC With Four Serial Ports Modular Fanless Box PC
6-Jan-2021
More results

Description similaire - MOS

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEP149 SUMIDA-CDEP149 Datasheet
111Kb / 2P
POWER INDUCTORS
CDH73 SUMIDA-CDH73 Datasheet
127Kb / 2P
POWER INDUCTORS
CDR6D23MN SUMIDA-CDR6D23MN Datasheet
311Kb / 1P
POWER INDUCTORS (SMD Type)
CDR7D43MN SUMIDA-CDR7D43MN Datasheet
116Kb / 1P
POWER INDUCTORS
CDRH3D11 SUMIDA-CDRH3D11 Datasheet
248Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH3D16 SUMIDA-CDRH3D16 Datasheet
232Kb / 1P
POWER INDUCTORS (SMD Type)
logo
YAGEO Corporation
PNP300JR-73 YAGEO-PNP300JR-73 Datasheet
187Kb / 2P
High Power Type
logo
NIHON DEMPA KOGYO
2725 NDK-2725_18 Datasheet
1Mb / 1P
Power-saving Type
2725Q NDK-2725Q_18 Datasheet
871Kb / 1P
Power-saving Type
logo
ON Semiconductor
NL17SG373 ONSEMI-NL17SG373_18 Datasheet
119Kb / 10P
Low-Power D-Type Low-Power D-Type
May, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com