Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MOS Fiches technique(PDF) 2 Page - KOA Speer Electronics, Inc.

No de pièce MOS
Description  POWER TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KOA [KOA Speer Electronics, Inc.]
Site Internet  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MOS Fiches technique(HTML) 2 Page - KOA Speer Electronics, Inc.

  MOS Datasheet HTML 1Page - KOA Speer Electronics, Inc. MOS Datasheet HTML 2Page - KOA Speer Electronics, Inc. MOS Datasheet HTML 3Page - KOA Speer Electronics, Inc. MOS Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POWER TYPE
MOS FixedMetalOxideFilmResistors(Smalltype)
MOSX FixedMetalFilmResistors(Smalltype)
Coating color: Lavender
Marking:Color code(0.5W, 1W)
     Alphanumeric(2W, 3W, 5W)
■Features
・Small size power type resistors.
・Flame retardant coating.(Equivalent to UL94 V-0)
・Automatic insertion is applicable.
・Various types of formings are available.
・High reliability.
・Products meet EU-RoHS requirements.
・Automatic mounting machine is applicable by surface
mounted device style lead forming.
■Reference Standards
 IEC 60115-4
 JIS C 5201-4
 EIAJ RC-2138
■Ratings
■Type Designation
 Example
※3 Please consult with us for resistance other than catalog specification (tol.F/G)
Rated Ambient Temperature :+70℃
Operating Temperature Range :−55℃∼+200℃
Rated voltage= Power Rating×Resistance value or Max. working voltage, whichever is lower.
■Taping & Forming Matrix
Contact us when you have control request for environmental hazardous material other than the substance specified by
EU-RoHS.
For further information on taping and forming, please refer to APPENDIX C on the back pages.
■Construction
L
C
①②
③④
⑤
⑥
⑦
D
① Marking
⑤ Electrode cap
② Flame retardant insulation coating
⑥ Lead wire
③ Trimming line
⑦ Resistive film
④ Ceramic core
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄
166
■Dimensions
EU
RoHS
Type
Dimensions(mm)
Weight(g)
(1000pcs)
L
C Max.
D
d(Nominal)※1
ℓ※1
MOS(X)1/2
6.2±0.5
7.1
2.5±0.5
0.6
24Min.
250
MOS(X)1
9.0±1.0
11.1
3.0±0.5
350
MOS(X)2
12.0±1.0
15.0
4.0±0.5
0.8
800
MOS(X)3
15.5±1.0
18.0
6.0±1.0
30±3
1,400
MOS(X)5
24.5±1.0
28.0
9.0±1.0
38±3
5,240
※1 Lead length changes depending on taping and forming type. Example:1C, 1CT52, 1CT526=0.6mm 1C8, 1CT528=0.8mm
MOS
1
C
T52
A
103
J
Product
Code
MOS:小形酸化金属皮膜
   固定抵抗器
MOSX:小形金属皮膜
    固定抵抗器
Power
Rating
1/2:0.5W
1:1W
2:2W
3:3W
5:5W
Terminal
Surface Material
C: SnCu
Taping &
Forming
See table
below
Packaging
A:AMMO
R:REEL
Nil:BOX
TEB・TEG:Plastic
embossed (N forming)
Nominal
Resistance
F:4 digits
G,J:3 digits
Resistance
Tolerance
F : ±1%
G: ±2%
J : ±5%
Type
Axial Taping
Stand-off Axial Taping VT Radial Taping GT Radial Taping
L Forming※2
U Forming
M Forming※2
N Forming※2
T26 T52 T521 T631 L52 L521 L631 VTP VTE VTF GT GT4 L10A L12.5A L15A L20A L25A L30A L35A U UCL M10 M12.5 M15 M20 M26 M30 N14.5 N17 N20
MOS(X)1/2C
○
○
-
-
-
-
-
○
○
-
○
-
○
-
-
-
-
-
-
-
-
○
-
-
-
-
-
-
-
-
MOS(X)1C
-
○
-
-
○
-
-
○
-
-
○
○
-
○
○
-
-
-
-
○
○
-
○
○
-
-
-
○
-
-
MOS(X)2C
-
○
○
-
-
○
-
○
-
○
○
○
-
-
○
○
-
-
-
○
○
-
-
○
○
-
-
-
○
-
MOS(X)3C
-
-
○
○
-
○
○
-
-
-
○
-
-
-
-
○
○
○
-
○
○
-
-
-
○
○
-
-
-
○
MOS(X)5C
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
○
○
-
-
-
-
-
-
-
○
-
-
-
Type
Power
Rating
Resistance Range
(Ω)
T.C.R.
(×10−6/K)
Max. Working
Voltage
Max. Overload
Voltage
Dielectric
Withstanding
Voltage
Taping&Q'ty/AMMO pack(pcs)
F:±1%(E24・E96)※3 G:±2%(E24)※3 J:±5%(E24)
T26A
T52A
T521A
T631A
MOS1/2C
0.5W
10~47k
10~47k
10~47k
±300
E= P×R(V)
600V
400V
2,000
2,000
—
—
MOS1C
1W
10~68k
10~68k
10~100k
500V
—
2,000
—
—
MOS2C
2W
10~100k
10~100k
350V
700V
—
1,000
1,000
—
MOS3C
3W
—
700V
—
—
500
1,000
MOS5C
5W
500V
1000V
800V
—
—
—
—
MOSX1/2C
0.5W
1.0~9.1
0.22~9.1
0.1~9.1
E= P×R(V) E×2.5(V)
400V
2,000
2,000
—
—
MOSX1C
1W
500V
—
2,000
—
—
MOSX2C
2W
—
1,000
1,000
—
MOSX3C
3W
—
700V
—
—
500
1,000
MOSX5C
5W
800V
—
—
—
—
√ ̄ ̄
※2 P168,169 Ref. Secondary Processed Products
√ ̄ ̄
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Oct. 2020
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
■Derating Curve
■Surface Temperature Rise
70
20
20
40
60
80
100
40 60 80 100 120 140 160 180 200 220 240
-20
-40
-60
0
0
-55
235
Ambient Temperature
(℃)
25
0
25
75
100
50
50
75
100
125
150
175
200
225
5W(L35A)
3W(L20A)
2W(L15A)
1W(L12.5A)
0.5W(L10A)
Power rating ratio(%)
■Performance
For resistors operated at an ambient temperature of 70℃ or above, a power rating shall be
derated in accordance with the above derating curve.
167
■Precautions for Use
・Coating color, marking and dimensions are different depending on the manufacturing base. Verify them on the delivery specification.
・Be careful to handle these resistors because outer coatings are comparatively weak to outer shock due to flameproof special coats. Please wash them to a
minimum. No external force is given to the coating films until they are well dried because the coating films become weaker right after washing. The original
strength will be returned after they are dried, so please pay attention not to apply any external force onto the coating film of resistors for 20 minutes after
drying. Especially no PC boards shall be piled up.
Test Items
Performance Requirements 
ΔR±(%+0.05Ω)
Test Methods
Limit
Typical
Resistance
Within specified tolerance
—
Measuring points are 10mm±1mm from the end cap.
T.C.R.
Within specified T.C.R.
—
+25℃/+125℃
Overload(Short time)
±(2%+0.1Ω)
1
Rated voltage×2.5 for 5s
Resistance to soldering heat
1
0.5
260℃±5℃, 10s±1s, 350℃±10℃, 3.5s±0.5s
Terminal strength
No lead-coming off and loose terminals
—
Twist 360°,5 times
Rapid change of temperature
1
0.5
-55℃(30min.)/+155℃(30min.)5 cycles
Moisture resistance
±(5%+0.1Ω)
2.5
40℃±2℃, 90%~95%RH, 1000h
1.5h ON/0.5h OFF cycle
Endurance at 70℃
±(5%+0.1Ω)
2.5
70℃±2℃, 1000h
1.5h ON/0.5h OFF cycle
Resistance to solvent
No abnormality in appearance.
Marking shall be easily legible
—
Ultrasonic washing with Isopropyl alcohol for 2 min.
Power : 0.3W/cm2, f : 28kHz, Temp : 35℃±5℃
Flame retardant
No evidence of flaming or
self-flaming.
—
Flame test : The test flame shall be applied and removed for each 15
sec respectively to repeat the cycle 5 times.
Overload flame retardant : AC voltage corresponding to 2, 4, 8, 16 and
32 times the power rating shall be applied for each 1min. until
disconnection occurs.
However the applied voltage shall not exceed the value of 4 times
the maximum operating voltage.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Oct. 2020
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2022



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com