Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS210 Fiches technique(PDF) 31 Page - TT Electronics.

No de pièce FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Fiches technique(HTML) 31 Page - TT Electronics.

Back Button FS210 Datasheet HTML 27Page - TT Electronics. FS210 Datasheet HTML 28Page - TT Electronics. FS210 Datasheet HTML 29Page - TT Electronics. FS210 Datasheet HTML 30Page - TT Electronics. FS210 Datasheet HTML 31Page - TT Electronics. FS210 Datasheet HTML 32Page - TT Electronics. FS210 Datasheet HTML 33Page - TT Electronics. FS210 Datasheet HTML 34Page - TT Electronics. FS210 Datasheet HTML 35Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 31
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Comparator/Buffer Enable Register (CBFEZ: [0x088B])
Table 34. CBFEZ register definition.
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
RSVD
ZCEZ
QICEZ
RSVD
Table 35. CBFEZ field description.
Bits
Description
QICEZ
Quad-track interpolated comparator enable bit:
0:
Enable quad-track comparators required to produce interpolated outputs (power-on default)
1:
Disable quad-track comparators required to produce interpolated outputs
ZCEZ
Index-track comparator enable bit:
0:
Enable index-track comparator (power-on default)
1:
Disable index-track comparator
RSVD
Reserved; do not modify from power-on default value (0)
Miscellaneous Control Register (MISC: [0x088D])
Table 36. MISC register definition.
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
RSVD
PMOUT
RSVD
Table 37. MISC field description.
Bits
Description
PMOUT
Preventive-maintenance output control bits:
00:
Disable preventive-maintenance outputs (power-on default)
11:
Enable preventive-maintenance outputs
01, 10:
Prohibited
RSVD
Reserved; do not modify from power-on default value (<7:6> = 00; <3:0> = 0001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40