Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS210 Fiches technique(PDF) 29 Page - TT Electronics.

No de pièce FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Fiches technique(HTML) 29 Page - TT Electronics.

Back Button FS210 Datasheet HTML 25Page - TT Electronics. FS210 Datasheet HTML 26Page - TT Electronics. FS210 Datasheet HTML 27Page - TT Electronics. FS210 Datasheet HTML 28Page - TT Electronics. FS210 Datasheet HTML 29Page - TT Electronics. FS210 Datasheet HTML 30Page - TT Electronics. FS210 Datasheet HTML 31Page - TT Electronics. FS210 Datasheet HTML 32Page - TT Electronics. FS210 Datasheet HTML 33Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 29
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Interrupt Mask/Status Register (INTR: [0x0889])
Table 30. INTR register definition.
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
ISPS
ISLC
ISTA
ISTS
RESV
IMLC
IMTA
IMTS
Table 31. INTR field description.
Bits
Description
IMTS
Interrupt mask bits for thermal shutdown condition:
0:
Thermal shutdown condition does not cause IRQZ = 0
1:
Thermal shutdown condition does cause IRQZ = 0
IMTA
Interrupt mask bit for thermal alarm condition:
0:
Thermal alarm condition does not cause IRQZ = 0
1:
Thermal alarm condition does cause IRQZ = 0
IMLC
Interrupt mask bit for LED control loop out-of-regulation:
0:
LED control loop out-of-regulation condition does not cause IRQZ = 0
1:
LED control loop out-of-regulation condition does cause IRQZ = 0
RSRV
Reserved for future use
ISTS
Read-only interrupt status bit for thermal shutdown condition:
→ 1 if on-chip junction temperature exceeds 165°C
ISTA
Read-only interrupt status bit for thermal alarm condition:
→ 1 if on-chip junction temperature exceeds value encoded by TASET
ISLC
Read-only interrupt status bit for LED control loop out-of-regulation:
→ 1 if actual LED drive current exceeds 7/8 of the value encoded by ILED<6:0>
ISPS
Read-only interrupt status bit for power-up sequence:
→ 1 when VDD/VDDA voltage rises above power-on reset trip point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40