Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

02098103 Fiches technique(PDF) 3 Page - Molex Electronics Ltd.

No de pièce 02098103
Description  Hand Crimp Tool for Standard .093" Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 22 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

02098103 Fiches technique(HTML) 3 Page - Molex Electronics Ltd.

  02098103 Datasheet HTML 1Page - Molex Electronics Ltd. 02098103 Datasheet HTML 2Page - Molex Electronics Ltd. 02098103 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.
Applicable Parts
Description
Part Number
Claspcon Crimp Terminal Socket,
Tin (Sn) Plated Brass Contact, 24-16
AWG, Bag
02081102
Claspcon Crimp Terminal Socket,
Tin (Sn) Plated Brass Contact, 24-16
AWG, Reel
02081101
Claspcon Crimp Terminal Socket,
Tin (Sn) Plated Brass Contact, 24-16
AWG, Reel
02085101
2.36mm Diameter, Standard .093"
Pin and Socket Crimp Grounding
Terminal, Series 1973, Male, with
Tin (Sn) Plated Brass Contact, 22-18
AWG, Reel
02098103
This document was generated on Jun 13, 2025



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com