Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

02098103 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 02098103
Description  Hand Crimp Tool for Standard .093" Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 22 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

02098103 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  02098103 Datasheet HTML 1Page - Molex Electronics Ltd. 02098103 Datasheet HTML 2Page - Molex Electronics Ltd. 02098103 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number : 638281300
Product Description : Hand Crimp Tool for
Standard .093" Pin and Socket Crimp Terminals,
Claspcon Pin and Socket Crimp Terminals, and
Commoning Connector Crimp Terminals, 22 AWG
Series Number : 207129
Status : Active
Product Category : Crimp Presses and Crimp Hand
Tools
Documents & Resources
Tooling Specifications
638281300-000.pdf
Product Environment Compliance
Compliance
GADSL/IMDS
Not Relevant
China RoHS
Not Relevant
EU ELV
Not Relevant
Low-Halogen Status
Not Relevant
REACH SVHC
Not Reviewed per D(2024)7663-DC
(21 Jan 2025)
EU RoHS
Not Reviewed per EU 2015/863
Compliance Statements
EU RoHS
REACH SVHC
Low-Halogen
Industry Documents
IPC 1752A Class C
IPC 1752A Class D
Molex Product Compliance Declaration
IEC-62474
chemSHERPA (xml)


Numéro de pièce similaire - 02098103

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
02098103 MOLEX-02098103 Datasheet
72Kb / 3P
Hand Crimp Tool for Standard .093" Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 18 AWG
Jun 10, 2025
02098103 MOLEX-02098103 Datasheet
69Kb / 3P
Hand Crimp Tool for Standard .093" Pin and Socket Terminals, Claspcon Pin and Socket Terminals, and Commoning Terminals, 20 AWG
Jun 13, 2025
02098103 MOLEX-02098103 Datasheet
75Kb / 5P
Insertion Tool for Standard .093" Pin and Socket Terminals
Jun 24, 2025
More results

Description similaire - 02098103

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
63811-7100 MOLEX-63811-7100 Datasheet
333Kb / 6P
Hand Tool for .093" Pin and Socket Crimp Terminals and Claspcon??Crimp Terminal Socket
03-28-08
63819-1100 MOLEX-63819-1100 Datasheet
554Kb / 9P
Hand Crimp Tool For .093??and .125??Pin and Socket and Commoning Crimp Terminals
08-07-12
63819-1200 MOLEX-63819-1200 Datasheet
404Kb / 9P
Hand Crimp Tool for 093??and Claspcon Pin and Socket and Commoning Crimp Terminals
01-10-08
63828-0100 MOLEX-63828-0100 Datasheet
921Kb / 8P
Hand Crimp Tool for 0.093, Claspcon Pin & Socket, and Commoning Crimp Terminals
09-21-17
63828-1100 MOLEX-63828-1100 Datasheet
1Mb / 8P
Hand Crimp Tool for .093, Claspcon Pin & Socket and Commoning Crimp Terminals
01-31-22
63828-1300 MOLEX-63828-1300 Datasheet
1Mb / 8P
Hand Crimp Tool for .093?? Claspcon Pin & Socket, and Commoning Crimp Terminals
01-31-22
ATS-638280100 MOLEX-ATS-638280100 Datasheet
921Kb / 8P
Hand Crimp Tool for 0.093, Claspcon Pin & Socket, and Commoning Crimp Terminals
09-21-17
0638281100 MOLEX-0638281100 Datasheet
28Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Terminals, Claspcon Pin and Socket Terminals, and Commoning Terminals, 20 AWG
08/25/2022
0638281300 MOLEX-0638281300 Datasheet
29Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 22 AWG
08/25/2022
0638281400 MOLEX-0638281400 Datasheet
29Kb / 2P
Hand Crimp Tool for .093 Pin and Socket Crimp Terminals, 22 AWG
08/26/2022
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com