Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

02098103 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 02098103
Description  Hand Crimp Tool for Standard .093" Pin and Socket Terminals, Claspcon Pin and Socket Terminals, and Commoning Terminals, 20 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

02098103 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  02098103 Datasheet HTML 1Page - Molex Electronics Ltd. 02098103 Datasheet HTML 2Page - Molex Electronics Ltd. 02098103 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Substances of Interest
PFAS
EU RoHS Certificate of Compliance
Additional Product Compliance Information
Part Details
General
Status
Active
Category
Crimp Presses and Crimp Hand
Tools
Series
207129
Description
Hand Crimp Tool for Standard .093"
Pin and Socket Terminals, Claspcon
Pin and Socket Terminals, and
Commoning Terminals, 20 AWG
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
toolingsupport@molex.com
Product Name
Claspcon,Commoning
Connector,Standard .093"
Tool Type
Hand Crimp Tool
UPC
191128048798
Applicable Parts
Description
Part Number
Claspcon Crimp Terminal Socket,
Tin (Sn) Plated Brass Contact, 24-16
AWG, Reel
02081101
Claspcon Crimp Terminal Socket,
Tin (Sn) Plated Brass Contact, 24-16
AWG, Bag
02081102
2.36mm Diameter, Standard .093"
Pin and Socket Crimp Grounding
Terminal, Series 1973, Male, with
Tin (Sn) Plated Brass Contact, 22-18
AWG, Reel
02098103



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com