Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

02098103 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 02098103
Description  Hand Crimp Tool for Standard .093" Pin and Socket Terminals, Claspcon Pin and Socket Terminals, and Commoning Terminals, 20 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

02098103 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  02098103 Datasheet HTML 1Page - Molex Electronics Ltd. 02098103 Datasheet HTML 2Page - Molex Electronics Ltd. 02098103 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number : 638281100
Product Description : Hand Crimp Tool for
Standard .093" Pin and Socket Terminals, Claspcon Pin
and Socket Terminals, and Commoning Terminals, 20
AWG
Series Number : 207129
Status : Active
Product Category : Crimp Presses and Crimp Hand
Tools
Documents & Resources
Tooling Specifications
638281100-000.pdf
Product Environment Compliance
Compliance
GADSL/IMDS
Not Relevant
China RoHS
Not Relevant
EU ELV
Not Relevant
Low-Halogen Status
Not Relevant
REACH SVHC
Not Reviewed per D(2024)7663-DC
(21 Jan 2025)
EU RoHS
Not Reviewed per EU 2015/863
Compliance Statements
EU RoHS
REACH SVHC
Low-Halogen
Industry Documents
IPC 1752A Class C
IPC 1752A Class D
Molex Product Compliance Declaration
IEC-62474
chemSHERPA (xml)


Numéro de pièce similaire - 02098103

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
02098103 MOLEX-02098103 Datasheet
72Kb / 3P
Hand Crimp Tool for Standard .093" Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 18 AWG
Jun 10, 2025
02098103 MOLEX-02098103 Datasheet
72Kb / 3P
Hand Crimp Tool for Standard .093" Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 22 AWG
Jun 13, 2025
02098103 MOLEX-02098103 Datasheet
75Kb / 5P
Insertion Tool for Standard .093" Pin and Socket Terminals
Jun 24, 2025
More results

Description similaire - 02098103

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
63811-7100 MOLEX-63811-7100 Datasheet
333Kb / 6P
Hand Tool for .093" Pin and Socket Crimp Terminals and Claspcon??Crimp Terminal Socket
03-28-08
63819-1100 MOLEX-63819-1100 Datasheet
554Kb / 9P
Hand Crimp Tool For .093??and .125??Pin and Socket and Commoning Crimp Terminals
08-07-12
63819-1200 MOLEX-63819-1200 Datasheet
404Kb / 9P
Hand Crimp Tool for 093??and Claspcon Pin and Socket and Commoning Crimp Terminals
01-10-08
63828-0100 MOLEX-63828-0100 Datasheet
921Kb / 8P
Hand Crimp Tool for 0.093, Claspcon Pin & Socket, and Commoning Crimp Terminals
09-21-17
63828-1100 MOLEX-63828-1100 Datasheet
1Mb / 8P
Hand Crimp Tool for .093, Claspcon Pin & Socket and Commoning Crimp Terminals
01-31-22
63828-1300 MOLEX-63828-1300 Datasheet
1Mb / 8P
Hand Crimp Tool for .093?? Claspcon Pin & Socket, and Commoning Crimp Terminals
01-31-22
ATS-638280100 MOLEX-ATS-638280100 Datasheet
921Kb / 8P
Hand Crimp Tool for 0.093, Claspcon Pin & Socket, and Commoning Crimp Terminals
09-21-17
ATS-638191100 MOLEX-ATS-638191100 Datasheet
554Kb / 9P
Hand Crimp Tool For .093 and .125 Pin and Socket and Commoning Crimp Terminals
08-07-12
0638281100 MOLEX-0638281100 Datasheet
28Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Terminals, Claspcon Pin and Socket Terminals, and Commoning Terminals, 20 AWG
08/25/2022
0638281300 MOLEX-0638281300 Datasheet
29Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 22 AWG
08/25/2022
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com