| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56721 Fiches technique(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56721 Fiches technique(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 54 page ![]() SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1 Freescale Semiconductor 48 3 Functional Description and Application Information See the DSP56720 Reference Manual (DSP56720RM) for detailed functional and applications information. 4 Hardware Design Considerations For design considerations, also see Section 2.1.3, “Power Requirements.” 5 Ordering Information Table 23 provides ordering information for both the DSP56720 and DSP56721. 6 Package Information For the outline drawings of available device packages, see Table 24 and sections 6.1–6.2. 6.1 80-Pin Package Outline Drawing For the 80-pin package outline drawings, see Figure 41 and Figure 42. Table 23. Ordering Information Product ROM Version Package Part Number DSP56720 A 144-pin plastic LQFP DSPA56720AG B 144-pin plastic LQFP DSPB56720AG DSP56721 A 144-pin plastic LQFP DSPA56721AG B 144-pin plastic LQFP DSPB56721AG A 80-pin plastic LQFP DSPA56721AF B 80-pin plastic LQFP DSPB56721AF Table 24. Package Outline Drawings Device Package See DSP56720 144-pin plastic LQFP Figure 43 on page 51 and Figure 44 on page 52 DSP56721 80-pin plastic LQFP Figure 41 on page 49 and Figure 42 on page 50 144-pin plastic LQFP Figure 43 on page 51 and Figure 44 on page 52 |