Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY74FCT541ATPC Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce CY74FCT541ATPC
Description  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT541ATPC Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CY74FCT541ATPC Datasheet HTML 4Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 5Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 6Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 7Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 8Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 9Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 10Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 11Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-9223701M2A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
9223701M2A
CY54FCT
541TLMB
5962-9223701MRA
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-9223701MR
A
CY54FCT541TDMB
5962-9223705MRA
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-9223705MR
A
CY54FCT541TDMB
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-9223701MR
A
CY54FCT541TDMB
CY54FCT541TLMB
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
9223701M2A
CY54FCT
541TLMB
CY74FCT541ATPC
Active
Production
PDIP (N) | 20
20 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
CY74FCT541ATPC
CY74FCT541ATPC.B
Active
Production
PDIP (N) | 20
20 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
CY74FCT541ATPC
CY74FCT541ATQCT
Active
Production
SSOP (DBQ) | 20
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT541A
CY74FCT541ATQCT.B
Active
Production
SSOP (DBQ) | 20
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT541A
CY74FCT541ATSOC
Active
Production
SOIC (DW) | 20
25 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT541A
CY74FCT541ATSOC.B
Active
Production
SOIC (DW) | 20
25 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT541A
CY74FCT541ATSOCT
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT541A
CY74FCT541ATSOCT.B
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT541A
CY74FCT541CTQCT
Active
Production
SSOP (DBQ) | 20
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT541C
CY74FCT541CTQCT.B
Active
Production
SSOP (DBQ) | 20
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT541C
CY74FCT541CTQCTG4.B
Active
Production
SSOP (DBQ) | 20
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT541C
CY74FCT541CTSOC
Active
Production
SOIC (DW) | 20
25 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT541C
CY74FCT541CTSOC.B
Active
Production
SOIC (DW) | 20
25 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT541C
CY74FCT541CTSOCT
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT541C
CY74FCT541CTSOCT.B
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT541C
CY74FCT541TQCT
Active
Production
SSOP (DBQ) | 20
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
FCT541
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com