Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY74FCT541ATPC Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce CY74FCT541ATPC
Description  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT541ATPC Fiches technique(HTML) 2 Page - Texas Instruments

  CY74FCT541ATPC Datasheet HTML 1Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 2Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 3Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 4Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 5Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 6Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 7Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 8Page - Texas Instruments CY74FCT541ATPC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY54FCT541T, CY74FCT541T
8-BIT BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCCS072 – OCTOBER 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
4.1
CY74FCT541CTQCT
FCT541C
SOIC
SO
Tube
4.1
CY74FCT541CTSOC
FCT541C
SOIC – SO
Tape and reel
4.1
CY74FCT541CTSOCT
FCT541C
DIP – P
Tube
4.8
CY74FCT541ATPC
CY74FCT541ATPC
–40
°C to 85°C
QSOP – Q
Tape and reel
4.8
CY74FCT541ATQCT
FCT541A
SOIC
SO
Tube
4.8
CY74FCT541ATSOC
FCT541A
SOIC – SO
Tape and reel
4.8
CY74FCT541ATSOCT
FCT541A
SOIC
SO
Tube
8
CY74FCT541TSOC
FCT541
SOIC – SO
Tape and reel
8
CY74FCT541TSOCT
FCT541
CDIP – D
Tube
4.6
CY54FCT541CTDMB
–55
°C to 125°C
CDIP – D
Tube
8
CY54FCT541TDMB
LCC – L
Tube
8
CY54FCT541TLMB
† Packagedrawings,standardpackingquantities,thermaldata,symbolization,andPCBdesignguidelinesareavailable
at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
OEA
OEB
D
O
L
L
L
L
L
LH
H
H
H
X
Z
H = High logic level, L = Low logic level,
X = Don’t care, Z = High-impedance state
logic diagram (positive logic)
OEA
OEB
To Seven Other Channels
D0
O0
1
19
218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com