Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT8MB5 Fiches technique(PDF) 14 Page - Rohm

No de pièce HT8MB5
Description  40V NchPch Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

HT8MB5 Fiches technique(HTML) 14 Page - Rohm

Back Button HT8MB5 Datasheet HTML 10Page - Rohm HT8MB5 Datasheet HTML 11Page - Rohm HT8MB5 Datasheet HTML 12Page - Rohm HT8MB5 Datasheet HTML 13Page - Rohm HT8MB5 Datasheet HTML 14Page - Rohm HT8MB5 Datasheet HTML 15Page - Rohm HT8MB5 Datasheet HTML 16Page - Rohm HT8MB5 Datasheet HTML 17Page - Rohm HT8MB5 Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
HT8MB5
           
               
Datasheet
l
lElectrical characteristic curves <Tr2>
Fig.11 Drain Current Derating Curve
Fig.12 Static Drain - Source On - State
 Resistance vs. Gate Source Voltage
Fig.13 Static Drain - Source On - State
 Resistance vs. Junction Temperature
                                                                                           
www.rohm.com
© 2024 ROHM Co., Ltd. All rights reserved.
14/19
20241224 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22