Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT8MB5 Fiches technique(PDF) 9 Page - Rohm

No de pièce HT8MB5
Description  40V NchPch Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

HT8MB5 Fiches technique(HTML) 9 Page - Rohm

Back Button HT8MB5 Datasheet HTML 5Page - Rohm HT8MB5 Datasheet HTML 6Page - Rohm HT8MB5 Datasheet HTML 7Page - Rohm HT8MB5 Datasheet HTML 8Page - Rohm HT8MB5 Datasheet HTML 9Page - Rohm HT8MB5 Datasheet HTML 10Page - Rohm HT8MB5 Datasheet HTML 11Page - Rohm HT8MB5 Datasheet HTML 12Page - Rohm HT8MB5 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
HT8MB5
           
               
Datasheet
l
lElectrical characteristic curves <Tr1>
Fig.14 Static Drain - Source On - State
 Resistance vs. Drain Current(I)
Fig.15 Static Drain - Source On - State
 Resistance vs. Drain Current(II)
Fig.16 Static Drain - Source On - State
 Resistance vs. Drain Current(III)
                                                                                           
www.rohm.com
© 2024 ROHM Co., Ltd. All rights reserved.
9/19
20241224 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22