Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6728 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce L6728
Description  Single phase PWM controller with PowerGOOD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button L6728 Datasheet HTML 20Page - STMicroelectronics L6728 Datasheet HTML 21Page - STMicroelectronics L6728 Datasheet HTML 22Page - STMicroelectronics L6728 Datasheet HTML 23Page - STMicroelectronics L6728 Datasheet HTML 24Page - STMicroelectronics L6728 Datasheet HTML 25Page - STMicroelectronics L6728 Datasheet HTML 26Page - STMicroelectronics L6728 Datasheet HTML 27Page - STMicroelectronics L6728 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
20A demo board
L6728
24/32
12.1
Board description
12.1.1
Power input (Vin)
This is the input voltage for the power conversion. The High-Side drain is connected to this
input. This voltage can range from 1.5V to 12Vbus.
If the voltage is between 4.5V and 12V it can supply also the device (through the Vcc pin)
and in this case the R16 (0Ohm) resistor must be present.
12.1.2
Output (Vout)
The output voltage is fixed at 1.25V but it can be changed by replacing the resistors R8
(sense partition lower resistor ) and R13 (feedback partition lower resistor). The over-
current-protection limit is set at 15A but it can be changed by replacing the resistors R18.
12.1.3
Signal input (Vcc)
Using the input voltage Vin to supply the controller no power is required at this input.
However the controller can be supplied separately from the power stage through the Vcc
input (4.5-12V) and, in this case, the R16 (0Ohm) resistor must be unsoldered.
12.1.4
Test points
Several test points are provided to have easy access at all important signal characterizing
the device:
COMP: the output of the error amplifier;
FB: the inverting input of the error amplifier;
PGOOD: signaling the regular functioning (active high);
VGDHS: the Bootstrap Diode Anode;
PHASE: Phase node;
LGATE: Low-Side gate pin of the device;
HGATE: High-Side gate pin of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32